Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F4N Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 170 page
background image
Rev. 1.30
5�
De�e��e� 1�� �01�
Rev. 1.30
57
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
Reset Initial Conditions
Thedifferenttypesofresetdescribedaffecttheresetflagsindifferentways.Theseflags,known
asPDFandTOarelocatedinthestatusregisterandarecontrolledbyvariousmicrocontroller
operations,suchastheSLEEPorIDLEModefunctionorWatchdogTimer.Theresetflagsare
showninthetable:
TO
PDF
RESET Conditions
0
0
Powe�-on �eset
u
u
LVR �eset du�ing NORMAL o� SLOW Mode ope�ation
1
u
WDT ti�e-out �eset du�ing NORMAL o� SLOW Mode ope�ation
1
1
WDT ti�e-out �eset du�ing IDLE o� SLEEP Mode ope�ation
Note: “u” stands fo� un�hanged
Thefollowingtableindicatesthewayinwhichthevariouscomponentsofthemicrocontrollerare
affectedafterapower-onresetoccurs.
Item
Condition After RESET
P�og�a� Counte�
Reset to ze�o
Inte��upts
All inte��upts will �e disa�led
WDT
Clea� afte� �eset� WDT �egins �ounting
Ti�e� Modules
Ti�e� Modules will �e tu�ned off
Input/Output Po�ts
I/O po�ts will �e setup as inputs and AN0~AN13 as A/D input pins
Sta�k Pointe�
Sta�k Pointe� will point to the top of the sta�k
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectseachofthemicrocontrollerinternalregisters.
Register
Reset
(Power On)
WDT Time-out
(Normal Operation)
LVR Reset
WDT Time-out
(SLEEP/IDLE)
MP0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
MP1
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
BP
---- ---0
---- ---0
---- ---0
---- ---u
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBHP
---- xxxx
---- uuuu
---- uuuu
---- uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--1 1 uuuu
SMOD
110- 0010
110- 0010
110- 0010
uuu- uuuu
LVDC
--00 -000
--00 -000
--00 -000
--uu -uuu
INTEG
--00 0000
--00 0000
--00 0000
--uu uuuu
INTC0
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC�
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC3
0000 0000
0000 0000
0000 0000
uuuu uuuu
MFI0
-000 -000
-000 -000
-000 -000
-uuu -uuu
MFI1
--00 --00
--00 --00
--00 --00
--uu --uu
MFI�
--00 --00
--00 --00
--00 --00
--uu --uu
MFI3
--00 --00
--00 --00
--00 --00
--uu --uu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com