Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F4N Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 170 page
background image
Rev. 1.30
3�
De�e��e� 1�� �01�
Rev. 1.30
35
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
Bank Pointer – BP
Forthisdevice,theDataMemoryisdividedintotwobanks,Bank0andBank1.Selectingthe
requiredDataMemoryareaisachievedusingtheBankPointer.Bit0oftheBankPointerisusedto
selectDataMemoryBanks0~1.
TheDataMemoryisinitialisedtoBank0afterareset,exceptforaWDTtime-outresetinthePower
DownMode,inwhichcase,theDataMemorybankremainsunaffected.Itshouldbenotedthatthe
SpecialFunctionDataMemoryisnotaffectedbythebankselection,whichmeansthattheSpecial
FunctionRegisterscanbeaccessedfromwithinanybank.DirectlyaddressingtheDataMemory
willalwaysresultinBank0beingaccessedirrespectiveofthevalueoftheBankPointer.Accessing
datafromBank1mustbeimplementedusingIndirectAddressing.
BP Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
—
—
DMBP0
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
Bit7~1
Unimplemented,readas“0”
Bit0
DMBP0:SelectDataMemoryBanks
0:Bank0
1:Bank1
Accumulator – ACC
TheAccumulatoriscentraltotheoperationofanymicrocontrollerandiscloselyrelatedwith
operationscarriedoutbytheALU.TheAccumulatoristheplacewhereallintermediateresults
fromtheALUarestored.WithouttheAccumulatoritwouldbenecessarytowritetheresultof
eachcalculationorlogicaloperationsuchasaddition,subtraction,shift,etc.,totheDataMemory
resultinginhigherprogrammingandtimingoverheads.Datatransferoperationsusuallyinvolve
thetemporarystoragefunctionoftheAccumulator;forexample,whentransferringdatabetween
oneuser-definedregisterandanother,itisnecessarytodothisbypassingthedatathroughthe
Accumulatorasnodirecttransferbetweentworegistersispermitted.
Program Counter Low Register – PCL
Toprovideadditionalprogramcontrolfunctions,thelowbyteoftheProgramCounterismade
accessibletoprogrammersbylocatingitwithintheSpecialPurposeareaoftheDataMemory.By
manipulatingthisregister,directjumpstootherprogramlocationsareeasilyimplemented.Loading
avaluedirectlyintothisPCLregisterwillcauseajumptothespecifiedProgramMemorylocation,
however,astheregisterisonly8-bitwide,onlyjumpswithinthecurrentProgramMemorypageare
permitted.Whensuchoperationsareused,notethatadummycyclewillbeinserted.
Look-up Table Registers – TBLP, TBHP, TBLH
Thesethreespecialfunctionregistersareusedtocontroloperationofthelook-uptablewhichis
storedintheProgramMemory.TBLPandTBHParethetablepointersandindicatethelocation
wherethetabledataislocated.Theirvaluemustbesetupbeforeanytablereadcommandsare
executed.Theirvaluecanbechanged,forexampleusingthe“INC”or“DEC”instructions,allowing
foreasytabledatapointingandreading.TBLHisthelocationwherethehighorderbyteofthetable
dataisstoredafteratablereaddatainstructionhasbeenexecuted.Notethatthelowerordertable
databyteistransferredtoauserdefinedlocation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com