Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F4N Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 170 page
background image
Rev. 1.30
18
De�e��e� 1�� �01�
Rev. 1.30
19
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
D.C. Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage
(HIRC)
─
fSYS = fHIRC/� = 7.5MHz
�.55
—
5.5
V
fSYS = fHIRC/� = 15MHz
�.5
—
5.5
Ope�ating Voltage
(LIRC)
─
fSYS = fLIRC = 3�kHz
�.55
—
5.5
IDD
Ope�ating Cu��ent
(HIRC)
3V
fSYS =7.5MHz�
No load� All pe�iphe�als off
—
�.�
3.�
�A
5V
—
5.�
8.1
�.5V fSYS=15MHz�
No load� All pe�iphe�als off
—
5.0
7.5
�A
5V
—
�.0
9.0
Ope�ating Cu��ent
(LIRC)
3V
fSYS=3�kHz�
No load� All pe�iphe�als off
—
�5
�5
μA
5V
—
�0
90
ISTB
Stand�y Cu��ent
(IDLE0 Mode)
3V
No load�
All pe�iphe�als off
—
1.9
3.0
μA
5V
—
3.1
5.0
Stand�y Cu��ent
(IDLE1 Mode)
3V
fHIRC =30MHz�
No load� All pe�iphe�als off
—
1.0
1.5
�A
�.5V
—
1.�
�.�
5V
—
1.8
�.7
Stand�y Cu��ent
(SLEEP Mode)
3V
No load�
All pe�iphe�als off
—
1.8
3.0
μA
5V
—
�.8
5.0
VIH
Input High Voltage
(I/O Po�ts)
5V
—
3.5
—
VDD
V
—
—
0.8VDD
—
VDD
V
VIL
Input Low Voltage
(I/O Po�ts)
5V
—
0
—
1.5
V
—
—
0
—
0.�VDD
V
VOH
Output High Voltage
(PA� PB0� PC� PD)
3V
IOH=-�.��A
�.7
—
—
V
5V
IOH=-��A
�.5
—
—
Output High Voltage
(PB1~PB�)
3V
IOH=-1��A
�.7
—
—
V
5V
IOH=-�0�A
�.5
—
—
VOL
Output Low Voltage
(PA� PB0� PC� PD)
3V
IOL=�.��A
—
—
0.3
V
5V
IOL=1��A
—
—
0.5
Output Low Voltage
(PB1~PB�)
3V
IOL=1��A
—
—
0.3
V
5V
IOL=�0�A
—
—
0.5
IOH
I/O Po�t Sou��e Cu��ent
(PA� PB0� PC� PD)
3V
VOH = 0.9VDD
-�.�
-�.8
—
�A
5V
-�
-1�
—
I/O Po�t Sou��e Cu��ent
(PB1~PB�)
3V
VOH = 0.9VDD
-1�
-3�
—
�A
5V
-�0
-80
—
IOL
I/O Po�t Sink Cu��ent
(PA� PB0� PC� PD)
3V
VOL = 0.1VDD
�.�
1�.8
—
�A
5V
1�
3�
—
I/O Po�t Sink Cu��ent
(PB1~PB�)
3V
VOL = 0.1VDD
1�
3�
—
�A
5V
�0
80
—
ILEAK
Input Leakage �u��ent
5V
VIN=VDD o� VIN=VSS
—
—
±1
μA
RPH
Pull-high Resistan�e of I/O Po�ts
3V
—
�0
�0
100
KΩ
5V
—
10
30
50
KΩ
VDR
RAM Data Retention Voltage
—
—
1.0
—
—
V
IDDP
Supply Cu��ent Du�ing
P�og�a��ing
—
—
—
—
10
�A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com