Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F4N Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 170 page
background image
Rev. 1.30
7�
De�e��e� 1�� �01�
Rev. 1.30
73
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
TMPC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
OUT1LN OUT1HN OUT1CP1 OUT1CP0 T3CP1
T3CP0
T�CP1
T�CP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
0
0
0
0
0
0
Bit7
OUT1LN:OUT1Lsignalinvertingcontrol
0:Non-inverted
1:Inverted
ThisbitisusedtocontrolwhethertheOUT1Lsignalisinvertedornotbeforeoutput.
Bit6
OUT1HN:OUT1Hsignalinvertingcontrol
0:Non-inverted
1:Inverted
ThisbitisusedtocontrolwhethertheOUT1Hsignalisinvertedornotbeforeoutput.
Bit5~4
OUT1CP[1:0]:OUT1HandOUT1Lpincontrol
00:NormalI/Ofunction,i.e.,PB1(orPB0)andPB2(orPA4)
01:PB1(orPB0)andOUT1H
10:OUT1LandPB2(orPA4)
11:OUT1LandOUT1H
Ifthesebitsaresetto“11”,thedeadtimecircuitrywillbeautomaticallyenabled.
Ifthesebitsaresettoavalueexcept“11”,thenthedeadtimecircuitrywillbe
automaticallydisabled.
Note:FortheHT45FH4NdevicecaremustbetakenwhentheOUT1LandOUT1H
pinfunctionsareusedasthePB1andPB2linesarenotconnectedtothe
externalpinsandthePB3andPB4linesareinternallyconnectedtothelevel
shiftinputAandCrespectively.
Bit3
T3CP1:TP3_1pinControl
0:TP3_1pinisdisabled
1:TP3_1pinisenabled
Bit2
T3CP0:TP3_0pincontrol
0:TP3_0pinisdisabled
1:TP3_0pinisenabled
Bit1
T2CP1:TP2_1pinControl
0:TP2_1pinisdisabled
1:TP2_1pinisenabled
Bit0
T2CP0:TP2_0pinControl
0:TP2_0pinisdisabled
1:TP2_0pinisenabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com