Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F4N Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 170 page
background image
Rev. 1.30
�0
De�e��e� 1�� �01�
Rev. 1.30
�1
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
SCOM Electrical Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IBIAS
VDD/� Bias Cu��ent fo� LCD
3V
ISEL[1:0]=00
10.5
15.0
19.5
μA
5V
17.5
�5.0
3�.5
μA
3V
ISEL[1:0]=01
�1
30
39
μA
5V
35
50
�5
μA
3V
ISEL[1:0]=10
��
�0
78
μA
5V
70
100
130
μA
3V
ISEL[1:0]=11
8�
1�0
15�
μA
5V
1�0
�00
��0
μA
VSCOM
VDD/� Voltage fo� LCD COM
Po�t
�.55V~
5.5V No load
0.�75VDD 0.5VDD 0.5�5VDD
V
LVD & LVR Electrical Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
— LVR Ena�le
Typ.-
5%
�.55
Typ.+
5%
V
VLVD
Low Voltage Dete�tion
Voltage
— LVD Ena�le�
sele�ted voltage = �.7V
Typ.-
5%
�.7
Typ.+
5%
V
— LVD Ena�le�
sele�ted voltage = 3.0V
3.0
— LVD Ena�le�
sele�ted voltage = 3.3V
3.3
— LVD Ena�le�
sele�ted voltage = 3.�V
3.�
— LVD Ena�le�
sele�ted voltage = �.0V
�.0
VBG
Bandgap Refe�en�e Voltage
—
—
Typ.-
3%
1.�5
Typ.+
3%
V
IBG
Additional Cu��ent fo�
Bandgap Refe�en�e
—
—
—
�00
300
μA
ILVD
Additional Cu��ent fo� LVD
Ena�le
3V
—
—
30
�5
μA
5V
—
�0
90
tBGS
VBG Tu�n on Sta�le Ti�e
— No load
—
—
�00
μs
tLVR
Mini�u� Low Voltage Width
to Reset
—
—
1�0
��0
�80
μs
tLVD
Mini�u� Low Voltage Width
to Inte��upt
—
—
�0
1�0
��0
μs
tLVDS
LVDO Sta�le Ti�e
5V Bandgap is Ready�
LVD off → on
—
—
15
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com