Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56517FDFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F56517FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F56517FDFP Datasheet HTML 1Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 2Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 3Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 4Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 5Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 6Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 7Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 8Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 190 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0100 Rev.1.00
Page 4 of 190
Aug 24, 2016
Interrupt
Interrupt controller
(ICUB)
 Peripheral function interrupts: 243 sources
 External interrupts: 16 (pins IRQ0 to IRQ15)
 Software interrupts: 2 sources
 Non-maskable interrupts: 7 sources
 Sixteen levels specifiable for the order of priority
 Method of interrupt source selection:
The interrupt vectors consist of 256 vectors (128 sources are fixed. The remaining 128
vectors are selected from among the other 112 sources.)
External bus extension
 The external address space can be divided into eight areas (CS0 to CS7), each with
independent control of access settings.
Capacity of each area: 16 Mbytes (CS0 to CS7)
A chip-select signal (CS0# to CS7#) can be output for each area.
Each area is specifiable as an 8-, or 16-bit bus space.
The data arrangement in each area is selectable as little or big endian (only for data).
 SDRAM interface connectable
 Bus format: Separate bus, multiplex bus
 Wait control
 Write buffer facility
DMA
DMA controller
(DMACAa)
 8 channels
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Software trigger, external interrupts, and interrupt requests from
peripheral functions
EXDMA controller
(EXDMACa)
 2 channels
Four transfer modes: Normal transfer, repeat transfer, block transfer, and cluster
transfer
 Single-address transfer enabled with the EDACKn signal
 Activation sources: Software trigger, external DMA requests (EDREQn), and interrupt
requests from peripheral functions
Data transfer controller
(DTCb)
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: External interrupts and interrupt requests from peripheral functions
 Sequence transfer
I/O ports
Programmable I/O ports
 I/O ports for the 145-pin TFLGA and 144-pin LFQFP
I/O pins: 111
Input pin: 1
Pull-up resistors: 111
Open-drain outputs: 111
5-V tolerance: 18
 I/O ports for the 100-pin TFLGA and 100-pin LFQFP
I/O pins: 78
Input pin: 1
Pull-up resistors: 78
Open-drain outputs: 78
5-V tolerance: 17
Event link controller (ELC)
 Event signals such as interrupt request signals can be interlinked with the operation of
functions such as timer counting, eliminating the need for intervention by the CPU to
control the functions.
 83 internal event signals can be freely combined for interlinked operation with
connected functions.
 Event signals from peripheral modules can be used to change the states of output pins
(of ports B and E).
 Changes in the states of pins (of ports B and E) being used as inputs can be interlinked
with the operation of peripheral modules.
Timers
16-bit timer pulse unit
(TPUa)
 (16 bits × 6 channels) × 1 unit
 Maximum of 16 pulse-input/output possible
 Select from among seven or eight counter-input clock signals for each channel
 Input capture/output compare function
 Output of PWM waveforms in up to 15 phases in PWM mode
 Support for buffered operation, phase-counting mode (two phase encoder input) and
cascade-connected operation (32 bits × 2 channels) depending on the channel.
 PPG output trigger can be generated
 Capable of generating conversion start triggers for the A/D converters
 Digital filtering of signals from the input capture pins
 Event linking by the ELC
Table 1.1
Outline of Specifications (3/8)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com