Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56517FDFP Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R5F56517FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFP Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R5F56517FDFP Datasheet HTML 52Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 53Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 54Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 55Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 56Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 57Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 58Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 59Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 56 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0008 0036h
SYSTE
M
High-Speed On-Chip Oscillator Control Register
HOCOCR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 0037h
SYSTE
M
High-Speed On-Chip Oscillator Control Register 2
HOCOCR2
88
3 ICLK
Clock
Generat
ion
Circuit
0008 003Ch
SYSTE
M
Oscillation Stabilization Flag Register
OSCOVFSR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 0040h
SYSTE
M
Oscillation Stop Detection Control Register
OSTDCR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 0041h
SYSTE
M
Oscillation Stop Detection Status Register
OSTDSR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 00A0h
SYSTE
M
Operating Power Control Register
OPCCR
88
3 ICLK
Low
Power
Consum
ption
0008 00A1h
SYSTE
M
Sleep Mode Return Clock Source Switching Register
RSTCKCR
88
3 ICLK
Low
Power
Consum
ption
0008 00A2h
SYSTE
M
Main Clock Oscillator Wait Control Register
MOSCWTCR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 00A3h
SYSTE
M
Sub-Clock Oscillator Wait Control Register
SOSCWTCR
88
3 ICLK
Clock
Generat
ion
Circuit
0008 00C0h
SYSTE
M
Reset Status Register 2
RSTSR2
88
3 ICLK
Resets
0008 00C2h
SYSTE
M
Software Reset Register
SWRR
16
16
3 ICLK
Resets
0008 00E0h
SYSTE
M
Voltage Monitoring 1 Circuit Control Register 1
LVD1CR1
88
3 ICLK
LVDA
0008 00E1h
SYSTE
M
Voltage Monitoring 1 Circuit Status Register
LVD1SR
88
3 ICLK
LVDA
0008 00E2h
SYSTE
M
Voltage Monitoring 2 Circuit Control Register 1
LVD2CR1
88
3 ICLK
LVDA
0008 00E3h
SYSTE
M
Voltage Monitoring 2 Circuit Status Register
LVD2SR
88
3 ICLK
LVDA
0008 03FEh
SYSTE
M
Protect Register
PRCR
16
16
3 ICLK
Register
Write
Protecti
on
Functio
n
0008 1000h
FLASH
ROM Cache Enable Register
ROMCE
16
16
2 ICLK
Flash
0008 1004h
FLASH
ROM Cache Invalidate Register
ROMCIV
16
16
2 ICLK
Flash
0008 101Ch
SYSTE
M
ROM Wait Cycle Setting Register
ROMWT
88
2 ICLK
Clock
Generat
ion
Circuit
0008 1200h
RAM
RAM Operating Mode Control Register
RAMMODE
88
2 ICLK
RAM
0008 1201h
RAM
RAM Error Status Register
RAMSTS
88
2 ICLK
RAM
0008 1204h
RAM
RAM Protection Register
RAMPRCR
88
2 ICLK
RAM
0008 1208h
RAM
RAM Error Address Capture Register
RAMECAD
32
32
2 ICLK
RAM
0008 1300h
BSC
Bus Error Status Clear Register
BERCLR
88
2 ICLK
Buses
0008 1304h
BSC
Bus Error Monitoring Enable Register
BEREN
88
2 ICLK
Buses
0008 1308h
BSC
Bus Error Status Register 1
BERSR1
88
2 ICLK
Buses
Table 4.1
List of I/O Registers (Address Order) (2 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com