Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56517FDFP Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R5F56517FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFP Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F56517FDFP Datasheet HTML 81Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 82Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 83Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 84Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 85Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 86Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 87Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 88Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 85 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0008 A128h
SCI9
Noise Filter Setting Register
SNFR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A129h
SCI9
I2C Mode Register 1
SIMR1
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A12Ah
SCI9
I2C Mode Register 2
SIMR2
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A12Bh
SCI9
I2C Mode Register 3
SIMR3
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A12Ch
SCI9
I2C Status Register
SISR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A12Dh
SCI9
SPI Mode Register
SPMR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A12Eh
SCI9
Transmit Data Register H
TDRH
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A12Fh
SCI9
Transmit Data Register L
TDRL
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A12Eh
SCI9
Transmit Data Register HL
TDRHL
16
16
4, 5 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A130h
SCI9
Receive Data Register H
RDRH
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A131h
SCI9
Receive Data Register L
RDRL
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A130h
SCI9
Receive Data Register HL
RDRHL
16
16
4, 5 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 A132h
SCI9
Modulation Duty Register
MDDR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh,
SCIi
0008 AC00h
SDHI
Command Register
SDCMD
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC08h
SDHI
Argument Register
SDARG
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC10h
SDHI
Data Stop Register
SDSTOP
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC14h
SDHI
Block Count Register
SDBLKCNT
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC18h
SDHI
Response Register 10
SDRSP10
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC20h
SDHI
Response Register 32
SDRSP32
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC28h
SDHI
Response Register 54
SDRSP54
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC30h
SDHI
Response Register 76
SDRSP76
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC38h
SDHI
SD Status Register 1
SDSTS1
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC3Ch
SDHI
SD Status Register 2
SDSTS2
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC40h
SDHI
SD Interrupt Mask Register 1
SDIMSK1
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC44h
SDHI
SD Interrupt Mask Register 2
SDIMSK2
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC48h
SDHI
SDHI Clock Control Register
SDCLKCR
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC4Ch
SDHI
Transfer Data Size Register
SDSIZE
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC50h
SDHI
Card Access Option Register
SDOPT
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC58h
SDHI
SD Error Status Register 1
SDERSTS1
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC5Ch
SDHI
SD Error Status Register 2
SDERSTS2
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC60h
SDHI
SD Buffer Register
SDBUFR
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC68h
SDHI
SDIO Mode Control Register
SDIOMD
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC6Ch
SDHI
SDIO Status Register
SDIOSTS
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 AC70h
SDHI
SDIO Interrupt Mask Register
SDIOIMSK
32
32
2, 3 PCLKB
2 ICLK
SDHI
0008 ADB0h
SDHI
DMA Transfer Enable Register
SDDMAEN
32
32
2, 3 PCLKB
2 ICLK
SDHI
Table 4.1
List of I/O Registers (Address Order) (31 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com