Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56517FDFP Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R5F56517FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFP Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R5F56517FDFP Datasheet HTML 91Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 92Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 93Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 94Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 95Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 96Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 97Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 98Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 95 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0008 C287h
SYSTE
M
Deep Standby Interrupt Flag Register 1
DPSIFR1
8
8
4, 5 PCLKB
2, 3 ICLK
Low
Power
Consum
ption
0008 C288h
SYSTE
M
Deep Standby Interrupt Flag Register 2
DPSIFR2
8
8
4, 5 PCLKB
2, 3 ICLK
Low
Power
Consum
ption
0008 C289h
SYSTE
M
Deep Standby Interrupt Flag Register 3
DPSIFR3
8
8
4, 5 PCLKB
2, 3 ICLK
Low
Power
Consum
ption
0008 C28Ah
SYSTE
M
Deep Standby Interrupt Edge Register 0
DPSIEGR0
8
8
4, 5 PCLKB
2, 3 ICLK
Low
Power
Consum
ption
0008 C28Bh
SYSTE
M
Deep Standby Interrupt Edge Register 1
DPSIEGR1
8
8
4, 5 PCLKB
2, 3 ICLK
Low
Power
Consum
ption
0008 C28Ch
SYSTE
M
Deep Standby Interrupt Edge Register 2
DPSIEGR2
8
8
4, 5 PCLKB
2, 3 ICLK
Low
Power
Consum
ption
0008 C28Dh
SYSTE
M
Deep Standby Interrupt Edge Register 3
DPSIEGR3
8
8
4, 5 PCLKB
2, 3 ICLK
Low
Power
Consum
ption
0008 C290h
SYSTE
M
Reset Status Register 0
RSTSR0
8
8
4, 5 PCLKB
2, 3 ICLK
Resets
0008 C291h
SYSTE
M
Reset Status Register 1
RSTSR1
8
8
4, 5 PCLKB
2, 3 ICLK
Resets
0008 C293h
SYSTE
M
Main Clock Oscillator Forced Oscillation Control
Register
MOFCR
8
8
4, 5 PCLKB
2, 3 ICLK
Clock
Generat
ion
Circuit
0008 C294h
SYSTE
M
High-Speed On-Chip Oscillator Power Supply Control
Register
HOCOPCR
8
8
4, 5 PCLKB
2, 3 ICLK
Clock
Generat
ion
Circuit
0008 C296h
FLASH
Flash P/E Protect Register
FWEPROR
88
2 ICLK
Flash
0008 C297h
SYSTE
M
Voltage Monitoring Circuit Control Register
LVCMPCR
8
8
4, 5 PCLKB
2, 3 ICLK
LVDA
0008 C298h
SYSTE
M
Voltage Detection Level Select Register
LVDLVLR
8
8
4, 5 PCLKB
2, 3 ICLK
LVDA
0008 C29Ah
SYSTE
M
Voltage Monitoring 1 Circuit Control Register 0
LVD1CR0
8
8
4, 5 PCLKB
2, 3 ICLK
LVDA
0008 C29Bh
SYSTE
M
Voltage Monitoring 2 Circuit Control Register 0
LVD2CR0
8
8
4, 5 PCLKB
2, 3 ICLK
LVDA
0008 C2A0h
to 0008
C2BFh
SYSTE
M
Deep Standby Backup Registers 0 to 31
DPSBKR0 to
31
8
8
4, 5 PCLKB
2, 3 ICLK
Low
Power
Consum
ption
0008 C400h
RTC
64-Hz Counter
R64CNT
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C402h
RTC
Second Counter
RSECCNT
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C402h
RTC
Binary Counter 0
BCNT0
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C404h
RTC
Minute Counter
RMINCNT
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C404h
RTC
Binary Counter 1
BCNT1
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C406h
RTC
Hour Counter
RHRCNT
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C406h
RTC
Binary Counter 2
BCNT2
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C408h
RTC
Day-of-Week Counter
RWKCNT
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C408h
RTC
Binary Counter 3
BCNT3
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C40Ah
RTC
Date Counter
RDAYCNT
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C40Ch
RTC
Month Counter
RMONCNT
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C40Eh
RTC
Year Counter
RYRCNT
16
16
2, 3 PCLKB
2 ICLK
RTCd
Table 4.1
List of I/O Registers (Address Order) (41 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com