Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56517FDFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F56517FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F56517FDFP Datasheet HTML 6Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 7Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 8Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 9Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 10Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 11Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 12Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 13Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 190 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0100 Rev.1.00
Page 10 of 190
Aug 24, 2016
Table 1.2
Comparison of Functions for Different Packages
Functions
RX65N Group
RX651 Group
Package
145 Pins,
144 Pins
100 Pins
145 Pins,
144 Pins
100 Pins
External
bus
External bus width
16 bits
16 bits
SDRAM area controller
Available
Not Available
Available
Not Available
DMA
DMA controller
Ch. 0 to 7
Ch. 0 to 7
Data transfer controller
Available
Available
EXDMA controller
Ch. 0 and 1
Ch. 0 and 1
Timers
16-bit timer pulse unit
Ch. 0 to 5
Ch. 0 to 5
Multi-function timer pulse unit 3
Ch. 0 to 8
Ch. 0 to 8
General-purpose PWM timer
Ch. 0 to 3
Ch. 0 to 3
Port output enable 3
Available
Available
Programmable pulse generator
Ch. 0 and 1
Ch. 0 and 1
8-bit timers
Ch. 0 to 3
Ch. 0 to 3
Compare match timer
Ch. 0 to 3
Ch. 0 to 3
Compare match timer W
Ch. 0 and 1
Ch. 0 and 1
Realtime clock
Available
Available
Watchdog timer
Available
Available
Independent watchdog timer
Available
Available
Communi
cation
function
Ethernet controller
Ch. 0
Not available
DMAC controller for ethernet
Ch. 0
Not available
USB 2.0 FS host/function module
Ch. 0
Ch. 0
Serial communications interfaces (SCIg)
Ch. 0 to 9
Ch. 0 to 3,
5, 6, 8, 9
Ch. 0 to 9
Ch. 0 to 3,
5, 6, 8, 9
Serial communications interfaces (SCIh)
Ch. 12
Serial communications interfaces (SCIi)
Ch. 10 to 11
I2C bus interfaces
Ch. 0 and 2
Serial peripheral interface
Ch. 0 to 2
CAN module
Ch. 0 and 1
Quad serial peripheral interface
Ch. 0
SD host interface
Ch. 0
SD slave interface
Ch. 0
MMC host interface
Ch. 0
Parallel data capture unit
Available
Not available
Available
Not available
12-bit A/D converter
AN000 to 007
(unit 0: 8
channels)
AN100 to 120
(unit 1: 21
channels)
AN000 to 007
(unit 0: 8
channels)
AN100 to 113
(unit 1: 14
channels)
AN000 to 007
(unit 0: 8
channels)
AN100 to 120
(unit 1: 21
channels)
AN000 to 007
(unit 0: 8
channels)
AN100 to 113
(unit 1: 14
channels)
12-bit D/A converter
Ch. 0 and 1
Ch. 1
Ch. 0 and 1
Ch. 1
Temperature sensor
Available
CRC calculator
Available
Data operation circuit
Available
Clock frequency accuracy measurement circuit
Available
AES
Available
RNG
Available
Event link controller
Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com