Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56517FDFP Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F56517FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFP Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F56517FDFP Datasheet HTML 93Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 94Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 95Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 96Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 97Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 98Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 99Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 100Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 97 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0008 C47Ah
RTC
Date Capture Register 2
RDAYCP2
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C47Ah
RTC
BCNT3 Capture Register 2
BCNT3CP2
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C47Ch
RTC
Month Capture Register 2
RMONCP2
8
8
2, 3 PCLKB
2 ICLK
RTCd
0008 C4C0h
POE3
Input Level Control/Status Register 1
ICSR1
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4C2h
POE3
Output Level Control/Status Register 1
OCSR1
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4C4h
POE3
Input Level Control/Status Register 2
ICSR2
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4C6h
POE3
Output Level Control/Status Register 2
OCSR2
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4C8h
POE3
Input Level Control/Status Register 3
ICSR3
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4CAh
POE3
Software Port Output Enable Register
SPOER
8
8
2, 3 PCLKB
2 ICLK
POE3a
0008 C4CBh
POE3
Port Output Enable Control Register 1
POECR1
8
8
2, 3 PCLKB
2 ICLK
POE3a
0008 C4CCh
POE3
Port Output Enable Control Register 2
POECR2
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4D0h
POE3
Port Output Enable Control Register 4
POECR4
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4D2h
POE3
Port Output Enable Control Register 5
POECR5
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4D6h
POE3
Input Level Control/Status Register 4
ICSR4
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4D8h
POE3
Input Level Control/Status Register 5
ICSR5
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4DAh
POE3
Active Level Setting Register 1
ALR1
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4DCh
POE3
Input Level Control/Status Register 6
ICSR6
16
16
2, 3 PCLKB
2 ICLK
POE3a
0008 C4E4h
POE3
MTU0 Pin Select Register 1
M0SELR1
8
8
2, 3 PCLKB
2 ICLK
POE3a
0008 C4E5h
POE3
MTU0 Pin Select Register 2
M0SELR2
8
8
2, 3 PCLKB
2 ICLK
POE3a
0008 C4E6h
POE3
MTU3 Pin Select Register
M3SELR
8
8
2, 3 PCLKB
2 ICLK
POE3a
0008 C4E7h
POE3
MTU4 Pin Select Register 1
M4SELR1
8
8
2, 3 PCLKB
2 ICLK
POE3a
0008 C4E8h
POE3
MTU4 Pin Select Register 2
M4SELR2
8
8
2, 3 PCLKB
2 ICLK
POE3a
0008 C500h
TEMPS
Temperature Sensor Control Register
TSCR
8
8
2, 3 PCLKB
2 ICLK
TEMPS
0008 C5C0h
DA
D/A A/D Synchronous Unit Select Register
DAADUSR
8
8
2, 3 PCLKB
2 ICLK
R12DA
0009 0200h to
0009 03FFh
CAN0
Mailbox Registers 0 to 31
MB0 to 31
128
8, 16,
32*6
2, 3 PCLKB
2 ICLK
CAN
0009 0400h to
0009 041Fh
CAN0
Mask Registers 0 to 7
MKR0 to 7
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 0420h
CAN0
FIFO Received ID Compare Register 0
FIDCR0
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 0424h
CAN0
FIFO Received ID Compare Register 1
FIDCR1
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 0428h
CAN0
Mask Invalid Register
MKIVLR
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 042Ch
CAN0
Mailbox Interrupt Enable Register
MIER
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 0820h to
0009 083Fh
CAN0
Message Control Registers 0 to 31
MCTL0 to 31
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0840h
CAN0
Control Register
CTLR
16
8, 16
2, 3 PCLKB
2 ICLK
CAN
0009 0842h
CAN0
Status Register
STR
16
8, 16
2, 3 PCLKB
2 ICLK
CAN
0009 0844h
CAN0
Bit Configuration Register
BCR
32
8, 16,
32
2, 3 PCLKB
2 ICLK
CAN
0009 0848h
CAN0
Receive FIFO Control Register
RFCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0849h
CAN0
Receive FIFO Pointer Control Register
RFPCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Ah
CAN0
Transmit FIFO Control Register
TFCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Bh
CAN0
Transmit FIFO Pointer Control Register
TFPCR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Ch
CAN0
Error Interrupt Enable Register
EIER
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Dh
CAN0
Error Interrupt Factor Judge Register
EIFR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Eh
CAN0
Receive Error Count Register
RECR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 084Fh
CAN0
Transmit Error Count Register
TECR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0850h
CAN0
Error Code Store Register
ECSR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0851h
CAN0
Channel Search Support Register
CSSR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0852h
CAN0
Mailbox Search Status Register
MSSR
8
8
2, 3 PCLKB
2 ICLK
CAN
0009 0853h
CAN0
Mailbox Search Mode Register
MSMR
8
8
2, 3 PCLKB
2 ICLK
CAN
Table 4.1
List of I/O Registers (Address Order) (43 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com