Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56517FDFP Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R5F56517FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFP Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R5F56517FDFP Datasheet HTML 63Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 64Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 65Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 66Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 67Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 68Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 69Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 70Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 67 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0008 79F3h
ICU
Software Configurable Interrupt A Source Select
Register 243
SLIAR243
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79F4h
ICU
Software Configurable Interrupt A Source Select
Register 244
SLIAR244
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79F5h
ICU
Software Configurable Interrupt A Source Select
Register 245
SLIAR245
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79F6h
ICU
Software Configurable Interrupt A Source Select
Register 246
SLIAR246
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79F7h
ICU
Software Configurable Interrupt A Source Select
Register 247
SLIAR247
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79F8h
ICU
Software Configurable Interrupt A Source Select
Register 248
SLIAR248
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79F9h
ICU
Software Configurable Interrupt A Source Select
Register 249
SLIAR249
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79FAh
ICU
Software Configurable Interrupt A Source Select
Register 250
SLIAR250
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79FBh
ICU
Software Configurable Interrupt A Source Select
Register 251
SLIAR251
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79FCh
ICU
Software Configurable Interrupt A Source Select
Register 252
SLIAR252
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79FDh
ICU
Software Configurable Interrupt A Source Select
Register 253
SLIAR253
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79FEh
ICU
Software Configurable Interrupt A Source Select
Register 254
SLIAR254
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 79FFh
ICU
Software Configurable Interrupt A Source Select
Register 255
SLIAR255
8
8
2 ICLK to
1 PCLKA
2 ICLK
ICUB
0008 7A00h
ICU
Software Configurable Interrupt Source Select
Register Write Protect Register
SLIPRCR
8
8
2 ICLK to
1 PCLKA/B
2 ICLK
ICUB
0008 7A01h
ICU
EXDMAC Trigger Select Register
SELEXDR
8
8
2 ICLK to
1 PCLKA/B
2 ICLK
ICUB
0008 8000h
CMT
Compare Match Timer Start Register 0
CMSTR0
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 8002h
CMT0
Compare Match Timer Control Register
CMCR
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 8004h
CMT0
Compare Match Counter
CMCNT
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 8006h
CMT0
Compare Match Constant Register
CMCOR
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 8008h
CMT1
Compare Match Timer Control Register
CMCR
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 800Ah
CMT1
Compare Match Counter
CMCNT
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 800Ch
CMT1
Compare Match Constant Register
CMCOR
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 8010h
CMT
Compare Match Timer Start Register 1
CMSTR1
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 8012h
CMT2
Compare Match Timer Control Register
CMCR
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 8014h
CMT2
Compare Match Counter
CMCNT
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 8016h
CMT2
Compare Match Constant Register
CMCOR
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 8018h
CMT3
Compare Match Timer Control Register
CMCR
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 801Ah
CMT3
Compare Match Counter
CMCNT
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 801Ch
CMT3
Compare Match Constant Register
CMCOR
16
16
2, 3 PCLKB
2 ICLK
CMT
0008 8020h
WDT
WDT Refresh Register
WDTRR
8
8
2, 3 PCLKB
2 ICLK
WDTA
0008 8022h
WDT
WDT Control Register
WDTCR
16
16
2, 3 PCLKB
2 ICLK
WDTA
0008 8024h
WDT
WDT Status Register
WDTSR
16
16
2, 3 PCLKB
2 ICLK
WDTA
0008 8026h
WDT
WDT Reset Control Register
WDTRCR
8
8
2, 3 PCLKB
2 ICLK
WDTA
0008 8030h
IWDT
IWDT Refresh Register
IWDTRR
8
8
2, 3 PCLKB
2 ICLK
IWDTa
0008 8032h
IWDT
IWDT Control Register
IWDTCR
16
16
2, 3 PCLKB
2 ICLK
IWDTa
0008 8034h
IWDT
IWDT Status Register
IWDTSR
16
16
2, 3 PCLKB
2 ICLK
IWDTa
0008 8036h
IWDT
IWDT Reset Control Register
IWDTRCR
8
8
2, 3 PCLKB
2 ICLK
IWDTa
0008 8038h
IWDT
IWDT Count Stop Control Register
IWDTCSTPR
8
8
2, 3 PCLKB
2 ICLK
IWDTa
0008 8040h
DA
D/A Data Register 0
DADR0
16
16
2, 3 PCLKB
2 ICLK
R12DA
0008 8042h
DA
D/A Data Register 1
DADR1
16
16
2, 3 PCLKB
2 ICLK
R12DA
0008 8044h
DA
D/A Control Register
DACR
8
8
2, 3 PCLKB
2 ICLK
R12DA
Table 4.1
List of I/O Registers (Address Order) (13 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com