Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 32Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 33Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 34Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 35Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 36Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 37Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 38Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 39Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 190 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0100 Rev.1.00
Page 36 of 190
Aug 24, 2016
61
PC6
A22/CS1#
MTIOC3C/MTCLKA/
TMCI2/TIC0/PO30
RXD8/SMISO8/
SSCL8/MOSIA-A/
ET0_ETXD3/RXD10/
SMISO10/SSCL10
MMC_D6-A
IRQ13
62
PC5
A21/CS2#/
WAIT#
MTIOC3B/MTCLKD/
TMRI2/PO29
SCK8/RSPCKA-A/
ET0_ETXD2/SCK10
MMC_D5-A
63
TRSYNC
P82
EDREQ1
MTIOC4A/PO28
TXD10/SMOSI10/
SSDA10/
ET0_ETXD1/
RMII0_TXD1
MMC_D4-A
64
TRDATA1
P81
EDACK0
MTIOC3D/PO27
RXD10/SMISO10/
SSCL10/
ET0_ETXD0/
RMII0_TXD0
MMC_D3-A/
SDHI_CD-A/
QIO3-A
65
TRDATA0
P80
EDREQ0
MTIOC3B/PO26
SCK10/RTS10#/
ET0_TX_EN/
RMII0_TXD_EN
MMC_D2-A/
SDHI_WP-A/
QIO2-A
66
PC4
A20/CS3#
MTIOC3D/MTCLKC/
TMCI1/PO25/
POE0#
SCK5/CTS8#/
RTS8#/SS8#/
SSLA0-A/
ET0_TX_CLK/
CTS10#/RTS10#/
SS10#
MMC_D1-A/
SDHI_D1-A/
SDSI_D1-A/
QIO1-A/QMI-A
67
PC3
A19
MTIOC4D/TCLKB/
PO24
TXD5/SMOSI5/
SSDA5/ET0_TX_ER
MMC_D0-A/
SDHI_D0-A/
SDSI_D0-A/
QIO0-A/
QMO-A
68
TRDATA7
P77
CS7#
PO23
TXD11/SMOSI11/
SSDA11/
ET0_RX_ER/
RMII0_RX_ER
MMC_CLK-A/
SDHI_CLK-A/
SDSI_CLK-A/
QSPCLK-A
69
TRDATA6
P76
CS6#
PO22
RXD11/SMISO11/
SSCL11/
ET0_RX_CLK/
REF50CK0
MMC_CMD-A/
SDHI_CMD-A/
SDSI_CMD-A/
QSSL-A
70
PC2
A18
MTIOC4B/TCLKA/
PO21
RXD5/SMISO5/
SSCL5/SSLA3-A/
ET0_RX_DV
MMC_CD-A/
SDHI_D3-A/
SDSI_D3-A
71
TRSYNC1
P75
CS5#
PO20
SCK11/RTS11#/
ET0_ERXD0/
RMII0_RXD0
MMC_RES#-
A/SDHI_D2-A/
SDSI_D2-A
72
TRDATA5
P74
A20/CS4#
PO19
CTS11#/SS11#/
ET0_ERXD1/
RMII0_RXD1
73
PC1
A17
MTIOC3A/TCLKD/
PO18
SCK5/SSLA2-A/
ET0_ERXD2
IRQ12
74
VCC
75
PC0
A16
MTIOC3C/TCLKC/
PO17
CTS5#/RTS5#/
SS5#/SSLA1-A/
ET0_ERXD3
IRQ14
76
VSS
77
TRDATA4
P73
CS3#
PO16
ET0_WOL
78
PB7
A15
MTIOC3B/TIOCB5/
PO31
TXD9/SMOSI9/
SSDA9/ET0_CRS/
RMII0_CRS_DV/
TXD11/SMOSI11/
SSDA11
SDSI_D1-B
79
PB6
A14
MTIOC3D/TIOCA5/
PO30
RXD9/SMISO9/
SSCL9/ET0_ETXD1/
RMII0_TXD1/
RXD11/SMISO11/
SSCL11
SDSI_D0-B
Table 1.6
List of Pin and Pin Functions (144-Pin LFQFP) (3/6)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
Interrupt
S12AD,
R12DA
144-Pin
LFQFP
(MTU, TPU, TMR,
PPG, RTC, CMTW,
POE, CAC)
(ETHERC, SCIg,
SCIh, SCIi, RSPI,
RIIC, CAN, USB)
(QSPI, SDHI,
SDSI, MMCIF,
PDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com