| Electronic Components Datasheet Search |
|
R5F56519FDFP Datasheet(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56519FDFP Datasheet(HTML) 53 Page - Renesas Technology Corp |
|
53 / 190 page ![]() R01DS0276EJ0100 Rev.1.00 Page 53 of 190 Aug 24, 2016 RX65N Group, RX651 Group 4. I/O Registers 4. I/O Registers This section gives information on the on-chip I/O register addresses. The information is given as shown below. Notes on writing to registers are also given at the end. (1) I/O register addresses (address order) Registers are listed from the lower allocation addresses. Registers are classified according to module symbols. The number of access cycles indicates the number of cycles based on the specified reference clock. Among the internal I/O register area, addresses not listed in the list of registers are reserved. Reserved addresses must not be accessed. Do not access these addresses; otherwise, the operation when accessing these bits and subsequent operations cannot be guaranteed. (2) Notes on writing to I/O registers When writing to an I/O register, the CPU starts executing the subsequent instruction before completing I/O register write. This may cause the subsequent instruction to be executed before the post-update I/O register value is reflected on the operation. As described in the following examples, special care is required for the cases in which the subsequent instruction must be executed after the post-update I/O register value is actually reflected. [Examples of cases requiring special care] The subsequent instruction must be executed while an interrupt request is disabled with the IENj bit in IERn of the ICU (interrupt request enable bit) set to 0. A WAIT instruction is executed immediately after the preprocessing for causing a transition to the low power consumption state. In the above cases, after writing to an I/O register, wait until the write operation is completed using the following procedure and then execute the subsequent instruction. (a) Write to an I/O register. (b) Read the value from the I/O register to a general register. (c) Execute the operation using the value read. (d) Execute the subsequent instruction. [Instruction examples] Byte-size I/O registers MOV.L #SFR_ADDR, R1 MOV.B #SFR_DATA, [R1] CMP [R1].UB, R1 ;; Next process Word-size I/O registers MOV.L #SFR_ADDR, R1 MOV.W #SFR_DATA, [R1] CMP [R1].W, R1 ;; Next process |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |