Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 70Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 71Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 72Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 73Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 74Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 75Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 76Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 77Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 74 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0008 912Eh
S12AD1 A/D Data Register 7
ADDR7
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9130h
S12AD1 A/D Data Register 8
ADDR8
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9132h
S12AD1 A/D Data Register 9
ADDR9
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9134h
S12AD1 A/D Data Register 10
ADDR10
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9136h
S12AD1 A/D Data Register 11
ADDR11
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9138h
S12AD1 A/D Data Register 12
ADDR12
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 913Ah
S12AD1 A/D Data Register 13
ADDR13
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 913Ch
S12AD1 A/D Data Register 14
ADDR14
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 913Eh
S12AD1 A/D Data Register 15
ADDR15
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9140h
S12AD1 A/D Data Register 16
ADDR16
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9142h
S12AD1 A/D Data Register 17
ADDR17
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9144h
S12AD1 A/D Data Register 18
ADDR18
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9146h
S12AD1 A/D Data Register 19
ADDR19
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9148h
S12AD1 A/D Data Register 20
ADDR20
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9163h
S12AD1 A/D Conversion Time Setting Protection Release
Register
ADSAMPR
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 916Eh
S12AD1 A/D Conversion Time Setting Register
ADSAM
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 917Ah
S12AD1 A/D Disconnection Detection Control Register
ADDISCR
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9180h
S12AD1 A/D Group Scan Priority Control Register
ADGSPCR
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9184h
S12AD1 A/D Data Duplication Register A
ADDBLDRA
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9186h
S12AD1 A/D Data Duplication Register B
ADDBLDRB
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 918Ch
S12AD1 A/D Comparison Function Window A/B Status
Monitoring Register
ADWINMON
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9190h
S12AD1 A/D Comparison Function Control Register
ADCMPCR
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9192h
S12AD1 A/D Comparison Function Window A Extended Input
Select Register
ADCMPANSE
R
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9193h
S12AD1 A/D Comparison Function Window A Extended Input
Comparison Condition Setting Register
ADCMPLER
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9194h
S12AD1 A/D Comparison Function Window A Channel Select
Register 0
ADCMPANSR
0
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9196h
S12AD1 A/D Comparison Function Window A Channel Select
Register 1
ADCMPANSR
1
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9198h
S12AD1 A/D Comparison Function Window A Comparison
Condition Setting Register 0
ADCMPLR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 919Ah
S12AD1 A/D Comparison Function Window A Comparison
Condition Setting Register 1
ADCMPLR1
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 919Ch
S12AD1 A/D Comparison Function Window A Lower Level
Setting Register
ADCMPDR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 919Eh
S12AD1 A/D Comparison Function Window A Upper Level
Setting Register
ADCMPDR1
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 91A0h
S12AD1 A/D Comparison Function Window A Channel Status
Register 0
ADCMPSR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
Table 4.1
List of I/O Registers (Address Order) (20 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com