Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 69Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 70Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 71Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 72Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 73Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 74Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 75Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 76Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 73 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0008 90D9h
S12AD
A/D Group C Trigger Select Register
ADGCTRGR
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 90E0h
S12AD
A/D Sampling State Register 0
ADSSTR0
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 90E1h
S12AD
A/D Sampling State Register 1
ADSSTR1
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 90E2h
S12AD
A/D Sampling State Register 2
ADSSTR2
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 90E3h
S12AD
A/D Sampling State Register 3
ADSSTR3
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 90E4h
S12AD
A/D Sampling State Register 4
ADSSTR4
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 90E5h
S12AD
A/D Sampling State Register 5
ADSSTR5
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 90E6h
S12AD
A/D Sampling State Register 6
ADSSTR6
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 90E7h
S12AD
A/D Sampling State Register 7
ADSSTR7
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9100h
S12AD1 A/D Control Register
ADCSR
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9104h
S12AD1 A/D Channel Select Register A0
ADANSA0
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9106h
S12AD1 A/D Channel Select Register A1
ADANSA1
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9108h
S12AD1 A/D-Converted Value Addition/Average Function
Select Register 0
ADADS0
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 910Ah
S12AD1 A/D-Converted Value Addition/Average Function
Select Register 1
ADADS1
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 910Ch
S12AD1 A/D-Converted Value Addition/Average Count Select
Register
ADADC
8
8
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 910Eh
S12AD1 A/D Control Extended Register
ADCER
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9110h
S12AD1 A/D Conversion Start Trigger Select Register
ADSTRGR
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9112h
S12AD1 A/D Conversion Extended Input Control Register
ADEXICR
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9114h
S12AD1 A/D Channel Select Register B0
ADANSB0
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9116h
S12AD1 A/D Channel Select Register B1
ADANSB1
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9118h
S12AD1 A/D Data Duplication Register
ADDBLDR
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 911Ah
S12AD1 A/D Temperature Sensor Data Register
ADTSDR
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 911Ch
S12AD1 A/D Internal Reference Voltage Data Register
ADOCDR
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 911Eh
S12AD1 A/D Self-Diagnosis Data Register
ADRD
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9120h
S12AD1 A/D Data Register 0
ADDR0
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9122h
S12AD1 A/D Data Register 1
ADDR1
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9124h
S12AD1 A/D Data Register 2
ADDR2
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9126h
S12AD1 A/D Data Register 3
ADDR3
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 9128h
S12AD1 A/D Data Register 4
ADDR4
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 912Ah
S12AD1 A/D Data Register 5
ADDR5
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
0008 912Ch
S12AD1 A/D Data Register 6
ADDR6
16
16
2, 3 PCLKB
2 ICLK
S12AD
Fa
Table 4.1
List of I/O Registers (Address Order) (19 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com