| Electronic Components Datasheet Search |
|
R5F56519FDFP Datasheet(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56519FDFP Datasheet(HTML) 22 Page - Renesas Technology Corp |
|
22 / 190 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0100 Rev.1.00 Page 22 of 190 Aug 24, 2016 Note: Note the following regarding pin names. For details, see section 1.5, Pin Assignments. 12-bit A/D converter AN000 to AN007, AN100 to AN120 Input Input pins for the analog signals to be processed by the A/D converter ADTRG0#, ADTRG1# Input Input pins for the external trigger signals that start the A/D conversion ANEX0 Output Extended analog output pin ANEX1 Input Extended analog input pin 12-bit D/A converter DA0, DA1 Output Output pins for the analog signals to be processed by the D/A converter Analog power supply AVCC0 Input Analog voltage supply pin for the 12-bit A/D converter (unit 0). Connect this pin to a branch from the VCC power supply. Connect the pin to AVSS0 via a 0.1- μF multilayer ceramic capacitor. The capacitor should be placed close to the pin. AVSS0 Input Analog ground pin for the 12-bit A/D converter (unit 0). Connect this pin to a branch from the VSS ground power supply. Connect the pin to AVCC0 via a 0.1- μF multilayer ceramic capacitor. The capacitor should be placed close to the pin. VREFH0 Input Analog reference voltage supply pin for the 12-bit A/D converter (unit 0). Connect this pin to VCC if the 12-bit A/D converter is not to be used. VREFL0 Input Analog reference ground pin for the 12-bit A/D converter (unit 0). Connect this pin to VSS if the 12-bit A/D converter is not to be used. AVCC1 Input Analog voltage supply and reference voltage supply pin for the 12-bit A/D converter (unit 1) and D/A converter. This pin also supplies the analog voltage to the temperature sensor. Connect this pin to a branch from the VCC power supply. Connect the pin to AVSS1 via a 0.1- μF multilayer ceramic capacitor. The capacitor should be placed close to the pin. AVSS1 Input Analog voltage supply and reference voltage supply pin for the 12-bit A/D converter (unit 1) and D/A converter. This pin also supplies the analog ground voltage to the temperature sensor. Connect this pin to a branch from the VSS ground power supply. Connect the pin to AVCC1 via a 0.1- μF multilayer ceramic capacitor. The capacitor should be placed close to the pin. I/O ports P00 to P03, P05, P07 I/O 6-bit input/output pins P12 to P17 I/O 6-bit input/output pins P20 to P27 I/O 8-bit input/output pins P30 to P37 I/O 8-bit input/output pins (P35: input pin) P40 to P47 I/O 8-bit input/output pins P50 to P56 I/O 7-bit input/output pins P60 to P67 I/O 8-bit input/output pins P70 to P77 I/O 8-bit input/output pins P80 to P83, P86, P87 I/O 6-bit input/output pins P90 to P93 I/O 4-bit input/output pins PA0 to PA7 I/O 8-bit input/output pins PB0 to PB7 I/O 8-bit input/output pins PC0 to PC7 I/O 8-bit input/output pins PD0 to PD7 I/O 8-bit input/output pins PE0 to PE7 I/O 8-bit input/output pins PF5 I/O 1-bit input/output pin PJ3, PJ5 I/O 2-bit input/output pins Table 1.4 Pin Functions (7/7) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |