Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 95Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 96Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 97Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 98Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 99Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 100Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 101Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 102Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 99 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0009 5000h
SDSI
FN1 Access Control Register
FN1ACCR
32
32
10, 11 PCLKB
2 to 6 ICLK
SDSI
0009 5004h
SDSI
Interrupt Enable Control Register 1
INTENCR1
8
8
7, 8 PCLKB
2 to 5 ICLK
SDSI
0009 5005h
SDSI
Interrupt Status Register 1
INTSR1
8
8
7, 8 PCLKB
2 to 5 ICLK
SDSI
0009 5006h
SDSI
SD Command Control Register
SDCMDCR
8
8
7, 8 PCLKB
2 to 5 ICLK
SDSI
0009 5007h
SDSI
SD Command Access Address 0 Register
SDCADD0R
8
8
7, 8 PCLKB
2 to 5 ICLK
SDSI
0009 5008h
SDSI
SD Command Access Address 1 Register
SDCADD1R
8
8
7, 8 PCLKB
2 to 5 ICLK
SDSI
0009 5009h
SDSI
SD Command Access Address 2 Register
SDCADD2R
8
8
7, 8 PCLKB
2 to 5 ICLK
SDSI
0009 500Ah
SDSI
SDSI Control Register 1
SDSICR1
8
8
7, 8 PCLKB
2 to 5 ICLK
SDSI
0009 500Bh
SDSI
DMA Control Register 1
DMACR1
8
8
7, 8 PCLKB
2 to 5 ICLK
SDSI
0009 500Ch
SDSI
Block Counter
BLKCNT
16
16
8, 9 PCLKB
2 to 5 ICLK
SDSI
0009 500Eh
SDSI
Byte Counter
BYTCNT
16
16
8, 9 PCLKB
2 to 5 ICLK
SDSI
0009 5010h
SDSI
DMA Transfer Address Register
DMATRADDR
32
32
10, 11 PCLKB
2 to 6 ICLK
SDSI
0009 5100h
SDSI
SDSI Control Register 2
SDSICR2
32
32
2, 3 PCLKB
2 ICLK
SDSI
0009 5104h
SDSI
SDSI Control Register 3
SDSICR3
32
32
2, 3 PCLKB
2 ICLK
SDSI
0009 5108h
SDSI
Interrupt Enable Control Register 2
INTENCR2
32
32
2, 3 PCLKB
2 ICLK
SDSI
0009 510Ch
SDSI
Interrupt Status Register 2
INTSR2
32
32
2, 3 PCLKB
2 ICLK
SDSI
0009 5110h
SDSI
DMA Control Register 2
DMACR2
32
32
2, 3 PCLKB
2 ICLK
SDSI
0009 5200h to
0009 526Bh
SDSI
CIS Data Register 0 to 26
CISDATAR0
to 26
32
32
2, 3 PCLKB
2 ICLK
SDSI
0009 5270h
SDSI
FBR Setting Register 1
FBR1
32
32
2, 3 PCLKB
2 ICLK
SDSI
0009 5274h
SDSI
FBR Setting Register 2
FBR2
32
32
2, 3 PCLKB
2 ICLK
SDSI
0009 5278h
SDSI
FBR Setting Register 3
FBR3
32
32
2, 3 PCLKB
2 ICLK
SDSI
0009 527Ch
SDSI
FBR Setting Register 4
FBR4
32
32
2, 3 PCLKB
2 ICLK
SDSI
0009 5280h
SDSI
FBR Setting Register 5
FBR5
32
32
2, 3 PCLKB
2 ICLK
SDSI
0009 5800h to
0009 58FFh
SDSI
FN1 Data Register 10 to 163
FN1DATAR10
to 163
32
32
10, 11 PCLKB
2 to 6 ICLK
SDSI
0009 5900h to
0009 59FFh
SDSI
FN1 Data Register 20 to 263
FN1DATAR20
to 263
32
32
10, 11 PCLKB
2 to 6 ICLK
SDSI
0009 5A00h
to
0009 5AFFh
SDSI
FN1 Data Register 30 to 363
FN1DATAR30
to 363
32
32
10, 11 PCLKB
2 to 6 ICLK
SDSI
0009 5B00h
SDSI
FN1 Interrupt Vector Register
FN1INTVECR
8
8
7, 8 PCLKB
2 to 5 ICLK
SDSI
0009 5B01h
SDSI
FN1 Interrupt Clear Register
FN1INTCLRR
8
8
7, 8 PCLKB
2 to 5 ICLK
SDSI
0009 5C00h
to
0009 5FFFh
SDSI
FN1 Data Register 50 to 5255
FN1DATAR50
to 5255
32
32
7, 8 PCLKB
2 to 5 ICLK
SDSI
000A 0000h
USB0
System Configuration Control Register
SYSCFG
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 0004h
USB0
System Configuration Status Register 0
SYSSTS0
16
16
9 PCLKB
or more
Rounded up to the
nearest integer
greater than 1 + 9 ×
(frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0008h
USB0
Device State Control Register 0
DVSTCTR0
16
16
9 PCLKB
or more
Rounded up to the
nearest integer
greater than 1 + 9 ×
(frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0014h
USB0
CFIFO Port Register
CFIFO
16
8, 16
3, 4 PCLKB
2 ICLK
USBb
000A 0018h
USB0
D0FIFO Port Register
D0FIFO
16
8, 16
3, 4 PCLKB
2 ICLK
USBb
000A 001Ch
USB0
D1FIFO Port Register
D1FIFO
16
8, 16
3, 4 PCLKB
2 ICLK
USBb
000A 0020h
USB0
CFIFO Port Select Register
CFIFOSEL
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 0022h
USB0
CFIFO Port Control Register
CFIFOCTR
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 0028h
USB0
D0FIFO Port Select Register
D0FIFOSEL
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 002Ah
USB0
D0FIFO Port Control Register
D0FIFOCTR
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 002Ch
USB0
D1FIFO Port Select Register
D1FIFOSEL
16
16
3, 4 PCLKB
2 ICLK
USBb
000A 002Eh
USB0
D1FIFO Port Control Register
D1FIFOCTR
16
16
3, 4 PCLKB
2 ICLK
USBb
Table 4.1
List of I/O Registers (Address Order) (45 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com