Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 98Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 99Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 100Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 101Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 102Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 103Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 104Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 105Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 102 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
000A 0404h
USB
Deep Standby USB Suspend/Resume Interrupt
Register
DPUSR1R
32
32
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0500h
PDC
PDC Control Register 0
PCCR0
32
32
2, 3 PCLKB
2 ICLK
PDC
000A 0504h
PDC
PDC Control Register 1
PCCR1
32
32
2, 3 PCLKB
2 ICLK
PDC
000A 0508h
PDC
PDC Status Register
PCSR
32
32
2, 3 PCLKB
2 ICLK
PDC
000A 050Ch
PDC
PDC Pin Monitor Register
PCMONR
32
32
2, 3 PCLKB
2 ICLK
PDC
000A 0510h
PDC
PDC Receive Data Register
PCDR
32
32
2, 3 PCLKB
2 ICLK
PDC
000A 0514h
PDC
Vertical Capture Register
VCR
32
32
2, 3 PCLKB
2 ICLK
PDC
000A 0518h
PDC
Horizontal Capture Register
HCR
32
32
2, 3 PCLKB
2 ICLK
PDC
000C 0000h
EDMAC
0
EDMAC Mode Register
EDMR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0008h
EDMAC
0
EDMAC Transmit Request Register
EDTRR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0010h
EDMAC
0
EDMAC Receive Request Register
EDRRR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0018h
EDMAC
0
Transmit Descriptor List Start Address Register
TDLAR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0020h
EDMAC
0
Receive Descriptor List Start Address Register
RDLAR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0028h
EDMAC
0
ETHERC/EDMAC Status Register
EESR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0030h
EDMAC
0
ETHERC/EDMAC Status Interrupt Enable Register
EESIPR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0038h
EDMAC
0
ETHERC/EDMAC Transmit/Receive Status Copy
Enable Register
TRSCER
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0040h
EDMAC
0
Missed-Frame Counter Register
RMFCR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0048h
EDMAC
0
Transmit FIFO Threshold Register
TFTR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0050h
EDMAC
0
FIFO Depth Register
FDR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0058h
EDMAC
0
Receive Method Control Register
RMCR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0064h
EDMAC
0
Transmit FIFO Underflow Counter
TFUCR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0068h
EDMAC
0
Receive FIFO Overflow Counter
RFOCR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 006Ch
EDMAC
0
Independent Output Signal Setting Register
IOSR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0070h
EDMAC
0
Flow Control Start FIFO Threshold Setting Register
FCFTR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0078h
EDMAC
0
Receive Data Padding Insert Register
RPADIR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 007Ch
EDMAC
0
Transmit Interrupt Setting Register
TRIMD
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 00C8h
EDMAC
0
Receive Buffer Write Address Register
RBWAR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 00CCh
EDMAC
0
Receive Descriptor Fetch Address Register
RDFAR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 00D4h
EDMAC
0
Transmit Buffer Read Address Register
TBRAR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 00D8h
EDMAC
0
Transmit Descriptor Fetch Address Register
TDFAR
32
32
4, 5 PCLKA
1 to 3 ICLK
EDMAC
a
000C 0100h
ETHER
C0
ETHERC Mode Register
ECMR
32
32
13, 14 PCLKA
1 to 7 ICLK
ETHER
C
000C 0108h
ETHER
C0
Receive Frame Maximum Length Register
RFLR
32
32
13, 14 PCLKA
1 to 7 ICLK
ETHER
C
000C 0110h
ETHER
C0
ETHERC Status Register
ECSR
32
32
13, 14 PCLKA
1 to 7 ICLK
ETHER
C
000C 0118h
ETHER
C0
ETHERC Interrupt Enable Register
ECSIPR
32
32
13, 14 PCLKA
1 to 7 ICLK
ETHER
C
Table 4.1
List of I/O Registers (Address Order) (48 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com