Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 88Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 89Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 90Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 91Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 92Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 93Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 94Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 95Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 92 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0008 C0EDh
PORTD Drive Capacity Control Register
DSCR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C0EEh
PORTE
Drive Capacity Control Register
DSCR
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C100h
MPC
CS Output Enable Register
PFCSE
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C102h
MPC
CS Output Pin Select Register 0
PFCSS0
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C103h
MPC
CS Output Pin Select Register 1
PFCSS1
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C104h
MPC
Address Output Enable Register 0
PFAOE0
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C105h
MPC
Address Output Enable Register 1
PFAOE1
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C106h
MPC
External Bus Control Register 0
PFBCR0
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C107h
MPC
External Bus Control Register 1
PFBCR1
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C10Eh
MPC
Ethernet Control Register
PFENET
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C11Fh
MPC
Write-Protect Register
PWPR
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C128h
PORT0
Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C12Ah
PORT2
Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C12Bh
PORT3
Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C12Dh
PORT5
Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C12Fh
PORT7
Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C130h
PORT8
Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C131h
PORT9
Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C132h
PORTA
Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C133h
PORTB
Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C134h
PORTC Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C135h
PORTD Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C136h
PORTE
Drive Capacity Control Register 2
DSCR2
8
8
2, 3 PCLKB
2 ICLK
I/O
Ports
0008 C140h
MPC
P00 Pin Function Control Register
P00PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C141h
MPC
P01 Pin Function Control Register
P01PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C142h
MPC
P02 Pin Function Control Register
P02PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C143h
MPC
P03 Pin Function Control Register
P03PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C145h
MPC
P05 Pin Function Control Register
P05PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C147h
MPC
P07 Pin Function Control Register
P07PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C14Ah
MPC
P12 Pin Function Control Register
P12PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C14Bh
MPC
P13 Pin Function Control Register
P13PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C14Ch
MPC
P14 Pin Function Control Register
P14PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C14Dh
MPC
P15 Pin Function Control Register
P15PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C14Eh
MPC
P16 Pin Function Control Register
P16PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C14Fh
MPC
P17 Pin Function Control Register
P17PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C150h
MPC
P20 Pin Function Control Register
P20PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C151h
MPC
P21 Pin Function Control Register
P21PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C152h
MPC
P22 Pin Function Control Register
P22PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C153h
MPC
P23 Pin Function Control Register
P23PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C154h
MPC
P24 Pin Function Control Register
P24PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C155h
MPC
P25 Pin Function Control Register
P25PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
0008 C156h
MPC
P26 Pin Function Control Register
P26PFS
8
8
2, 3 PCLKB
2 ICLK
MPC
Table 4.1
List of I/O Registers (Address Order) (38 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com