Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 176Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 177Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 178Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 179Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 180Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 181Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 182Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 183Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 180 of 190
Aug 24, 2016
RX65N Group, RX651 Group
5. Electrical Characteristics
5.11
Flash Memory Characteristics
Note 1. Definition of reprogram/erase cycle:
The reprogram/erase cycle is the number of erasing for each block. When the reprogram/erase cycle is n times (n = 1000),
erasing can be performed n times for each block. For instance, when 128-byte programming is performed 64 times for different
addresses in 8-Kbyte block and then the entire block is erased, the reprogram/erase cycle is counted as one. However,
programming the same address for several times as one erasing is not enabled (overwriting is prohibited).
Note 2. This is the minimum number of times to guarantee all the characteristics after reprogramming (guaranteed range is from 1 to the
value of the minimum value).
Note 3. This shows the characteristics when reprogramming is performed within the specified range, including the minimum value.
Table 5.51
Code Flash Memory Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Temperature range for programming/erasure: Ta = Topr
Item
Symbol
FCLK = 4 MHz
20 MHz
≤ FCLK ≤ 60 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
NPEC  100 times
128 bytes
tP128
—
1.1
13.2
—
0.52
6
ms
8 Kbytes
tP8K
—
75
176
—
34
80
ms
32 Kbytes
tP32K
—
299
704
—
136
320
ms
Programming time
NPEC > 100 times
128 bytes
tP128
—
1.4
15.8
—
0.62
7.2
ms
8 Kbytes
tP8K
—
90
212
—
41
96
ms
32 Kbytes
tP32K
—
359
848
—
163
384
ms
Erasure time
NPEC  100 times
8 Kbytes
tE8K
—
92
216
—
51
120
ms
32 Kbytes
tE32K
—
329
864
—
183
480
ms
Erasure time
NPEC > 100 times
8 Kbytes
tE8K
—
110
260
—
61
144
ms
32 Kbytes
tE32K
—
396
1040
—
220
576
ms
Reprogramming/erasure cycle*1
NPEC
10000*2
—
—
10000*2
——
Times
Suspend delay time during programming
tSPD
—
—
264
—
—
120
μs
First suspend delay time during erasing
(in suspend priority mode)
tSESD1
—
—
216
—
—
120
μs
Second suspend delay time during
erasure
(in suspend priority mode)
tSESD2
——
1.7
——
1.7
ms
Suspend delay time during erasure
(in erasure priority mode)
tSEED
——
1.7
——
1.7
ms
Forced stop command
tFD
——
32
——
20
μs
Data hold time*3
tDRP
10
—
—
10
—
—
Year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com