Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2202AST1 Datasheet(PDF) 38 Page - Motorola, Inc

Part # MPXM2202AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AST1 Datasheet(HTML) 38 Page - Motorola, Inc

Back Button MPXM2202AST1 Datasheet HTML 34Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 35Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 36Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 37Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 38Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 39Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 40Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 41Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 42Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 670 page
background image
2–2
Motorola Sensor Device Data
www.motorola.com/semiconductors
Mini Selector Guide
Accelerometer Sensor
Device
Acceleration
Range
(g)
Sensing
Axis
AC
Sensitivity
(mV/g)
VDD
Supply Voltage
(Typ) (V)
Zero g Output
(Typ) (V)
MMA1200D
±250g
Z axis
8.0
5.0
2.5
MMA1201P
±38g
Z axis
50
5.0
2.5
MMA1220D
±8g
Z axis
250
5.0
2.5
MMA1250D
±5g
Z axis
400
5.0
2.5
MMA1260D
±1.5g
Z axis
1200
5.0
2.5
MMA1270D
±2.5g
Z axis
750
5.0
2.5
MMA2200W
±38g
X axis
50
5.0
2.5
MMA2201D
±38g
X axis
50
5.0
2.5
MMA2202D
±50g
X axis
40
5.0
2.5
MMA3201D
±38g
X–Y axis
50
5.0
2.5
Device Numbering System for Accelerometers
P M M A XXXX D
PROTOTYPE
MICROMACHINED
ACCELEROMETER
PACKAGE
D
SOIC (Surface Mount)
P
16 Pin Dip
W
Wingback
AXIS OF SENSITIVITY
1000 SERIES — Z AXIS
2000 SERIES — X AXIS
3000 SERIES — X–Y AXIS
MOTOROLA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com