Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2202AST1 Datasheet(PDF) 84 Page - Motorola, Inc

Part # MPXM2202AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AST1 Datasheet(HTML) 84 Page - Motorola, Inc

Back Button MPXM2202AST1 Datasheet HTML 80Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 81Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 82Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 83Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 84Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 85Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 86Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 87Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 88Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 670 page
background image
2–48
Motorola Sensor Device Data
www.motorola.com/semiconductors
Surface Mount
Micromachined Accelerometer
The MMA series of silicon capacitive, micromachined accelerometers
features signal conditioning, a 4–pole low pass filter and temperature
compensation. Zero–g offset full scale span and filter cut–off are factory set and
require no external devices. A full system self–test capability verifies system
functionality.
Features
• Integral Signal Conditioning
• Linear Output
• Ratiometric Performance
• 4th Order Bessel Filter Preserves Pulse Shape Integrity
• Calibrated Self–test
• Low Voltage Detect, Clock Monitor, and EPROM Parity Check Status
• Transducer Hermetically Sealed at Wafer Level for Superior Reliability
• Robust Design, High Shocks Survivability
Typical Applications
• Vibration Monitoring and Recording
• Impact Monitoring
• Appliance Control
• Mechanical Bearing Monitoring
• Computer Hard Drive Protection
• Computer Mouse and Joysticks
• Virtual Reality Input Devices
• Sports Diagnostic Devices and Systems
SIMPLIFIED ACCELEROMETER FUNCTIONAL BLOCK DIAGRAM
G–CELL
SENSOR
INTEGRATOR
GAIN
FILTER
TEMP
COMP
SELF–TEST
CONTROL LOGIC &
EPROM TRIM CIRCUITS
CLOCK GEN.
OSCILLATOR
VDD
VOUT
VSS
ST
Figure 1. Simplified Accelerometer Functional Block Diagram
STATUS
REV 0
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMA2202D
MMA2202D: X AXIS SENSITIVITY
MICROMACHINED
ACCELEROMETER
±50g
16 LEAD SOIC
CASE 475
16
9
1
8
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
9
N/C
N/C
N/C
ST
VOUT
STATUS
VSS
VDD
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
Pin Assignment
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com