Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2202AST1 Datasheet(PDF) 96 Page - Motorola, Inc

Part # MPXM2202AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AST1 Datasheet(HTML) 96 Page - Motorola, Inc

Back Button MPXM2202AST1 Datasheet HTML 92Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 93Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 94Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 95Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 96Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 97Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 98Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 99Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 100Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 670 page
background image
MMA3201D
2–60
Motorola Sensor Device Data
www.motorola.com/semiconductors
* When positioned as shown, the Earth’s gravity will result in a positive 1g output
Positive Acceleration Sensing Direction
20–Pin SOIC Package
N/C pins are recommended to be left FLOATING
–X
+X
Direction of Earth’s gravity field.*
Front View
Top View
Side View
14 15 16 17 18 19 20
87654321
13
12
10 9
11
14
15
16
17
18
19
20
8
7
6
5
4
3
2
1
13
12
10
9
11
+Y
–Y
ORDERING INFORMATION
Device
Temperature Range
Case No.
Package
MMA3201D
*40 to +85°C
Case 475A–01
SOIC–20
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com