Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2202AST1 Datasheet(PDF) 47 Page - Motorola, Inc

Part # MPXM2202AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AST1 Datasheet(HTML) 47 Page - Motorola, Inc

Back Button MPXM2202AST1 Datasheet HTML 43Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 44Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 45Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 46Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 47Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 48Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 49Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 50Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 670 page
background image
MMA1200D
2–11
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 6. Footprint SOIC–16 (Case 475–01)
0.380 in.
9.65 mm
0.050 in.
1.27 mm
0.024 in.
0.610 mm
0.080 in.
2.03 mm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com