Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2202AST1 Datasheet(PDF) 74 Page - Motorola, Inc

Part # MPXM2202AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AST1 Datasheet(HTML) 74 Page - Motorola, Inc

Back Button MPXM2202AST1 Datasheet HTML 70Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 71Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 72Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 73Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 74Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 75Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 76Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 77Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 78Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 670 page
background image
MMA1270D
2–38
Motorola Sensor Device Data
www.motorola.com/semiconductors
OPERATING CHARACTERISTICS
(Unless otherwise noted: –40
°C v TA v +105°C, 4.75 v VDD v 5.25, Acceleration = 0g, Loaded output(1))
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
Supply Voltage(3)
Supply Current
Operating Temperature Range
Acceleration Range
VDD
IDD
TA
gFS
4.75
1.1
*40
—
5.00
2.1
—
2.5
5.25
3.0
+105
—
V
mA
°C
g
Output Signal
Zero g (TA = 25°C, VDD = 5.0 V)(4)
Zero g (VDD = 5.0 V)
Sensitivity (TA = 25°C, VDD = 5.0 V)(5)
Sensitivity(VDD = 5.0 V)
Bandwidth Response
Nonlinearity
VOFF
VOFF
S
S
f –3dB
NLOUT
2.25
2.2
712.5
693.8
40
*1.0
2.5
2.5
750
750
50
—
2.75
2.8
787.5
806.3
60
+1.0
V
V
mV/g
mV/g
Hz
% FSO
Noise
RMS (0.1 Hz – 1.0 kHz)
Spectral Density (RMS, 0.1 Hz – 1.0 kHz)(6)
nRMS
nSD
—
—
3.5
700
6.5
—
mVrms
µg/√Hz
Self–Test
Output Response (VDD = 5.0 V)
Input Low
Input High
Input Loading(7)
Response Time(8)
DVST
VIL
VIH
IIN
tST
0.9
VSS
0.7 VDD
*50
—
1.25
—
—
*125
10
1.6
0.3 VDD
VDD
*300
25
V
V
V
µA
ms
Status(12)(13)
Output Low (Iload = 100 µA)
Output High (Iload = –100 µA)
VOL
VOH
—
VDD *0.8
—
—
0.4
—
V
V
Output Stage Performance
Electrical Saturation Recovery Time(9)
Full Scale Output Range (IOUT = –200 µA)
Capacitive Load Drive(10)
Output Impedance
tDELAY
VFSO
CL
ZO
—
VSS+0.25
—
—
—
—
—
50
2.0
VDD*0.25
100
—
ms
V
pF
Ω
Mechanical Characteristics
Transverse Sensitivity(11)
VXZ,YZ
—
—
5.0
% FSO
NOTES:
1. For a loaded output the measurements are observed after an RC filter consisting of a 1 k
Ω resistor and a 0.1 µF capacitor to ground.
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 4.75 and 5.25 volts, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits
the device may operate as a linear device but is not guaranteed to be in calibration.
4. The device can measure both + and
* acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2 and for negative acceleration the output will decrease below VDD/2.
5. Sensitivity limits apply to 0 Hz acceleration.
6. At clock frequency
^ 35 kHz.
7. The digital input pin has an internal pull–down current source to prevent inadvertent self test initiation due to external board level leakages.
8. Time for the output to reach 90% of its final value after a self–test is initiated.
9. Time for amplifiers to recover after an acceleration signal causing them to saturate.
10. Preserves phase margin (60
°) to guarantee output amplifier stability.
11. A measure of the device’s ability to reject an acceleration applied 90
° from the true axis of sensitivity.
12. The Status pin output is not valid following power–up until at least one rising edge has been applied to the self–test pin. The Status pin is
high whenever the self–test input is high.
13. The Status pin output latches high if the EPROM parity changes to odd. The Status pin can be reset by a rising edge on self–test, unless
a fault condition continues to exist.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com