Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2202AST1 Datasheet(PDF) 40 Page - Motorola, Inc

Part # MPXM2202AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AST1 Datasheet(HTML) 40 Page - Motorola, Inc

Back Button MPXM2202AST1 Datasheet HTML 36Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 37Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 38Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 39Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 40Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 41Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 42Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 43Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 670 page
background image
2–4
Motorola Sensor Device Data
www.motorola.com/semiconductors
Acceleration Sensor FAQ’s
We have discovered that many of our customers have
similar questions about certain aspects of our accelerome-
ter’s technology and operation. Here are the most frequently
asked questions and answers that have been explained in
relatively non–technical terms.
Q. What is the g–cell?
A. The g–cell is the acceleration transducer within the
accelerometer device. It is hermetically sealed at the
wafer level to ensure a contaminant free environment,
resulting in superior reliability performance.
Q. What does the output typically interface with?
A. The accelerometer device is designed to interface with an
analog to digital converter available on most microcontrol-
lers. The output has a 2.5 V DC offset, therefore positive
and negative acceleration is measurable. For unique
customer applications, the output voltage can be scaled
and shifted to meet requirements using external circuitry.
Q. What is the resonant frequency of the g–cell?
A. The resonant frequency of the g–cell is much higher than
the cut–off frequency of the internal filter. Therefore, the
resonant frequency of the g–cell does not play a role in
the accelerometer response.
Q. What is ratiometricity?
A. Ratiometricity simply means that the output offset
voltage and sensitivity scales linearly with applied supply
voltage. That is, as you increase supply voltage the
sensitivity and offset increase linearly; as supply voltage
decreases, offset and sensitivity decrease linearly. This
is a key feature when interfacing to a microcontroller or
an A/D converter. Ratiometricity allows for system level
cancellation of supply induced errors in the analog to
digital conversion process. Refer to the Special Features
section under the Principle of Operation for more
information.
Q. Is the accelerometer device sensitive to electro
static discharge (ESD)?
A. Yes. The accelerometer should be handled like other
CMOS technology devices.
Q. Can the g–cell part “latch’’?
A. No, overrange stops have been designed into the g–cell to
prevent latching. (Latching is when the middle plate of
the g–cell sticks to the top or bottom plate.)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com