Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2202AST1 Datasheet(PDF) 98 Page - Motorola, Inc

Part # MPXM2202AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AST1 Datasheet(HTML) 98 Page - Motorola, Inc

Back Button MPXM2202AST1 Datasheet HTML 94Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 95Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 96Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 97Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 98Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 99Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 100Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 101Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 102Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 670 page
background image
2–62
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1559
Application Considerations for a
Switched Capacitor Accelerometer
By Wayne Chavez
INTRODUCTION
Today’s low cost accelerometers are highly integrated
devices employing features such as signal conditioning,
filtering, offset compensation and self test. Combining this
feature set with economical plastic packaging requires that the
signal conditioning circuitry be as small as possible. One
approach is to implement sampled data system and switched
capacitor techniques as in the Motorola accelerometer.
As in all sampled data systems, precautions should be
taken to avoid signal aliasing errors. This application note
describes the Motorola accelerometer and how signal aliasing
can be introduced and more importantly minimized.
BACKGROUND
What is aliasing? Simply put, aliasing is the effect of
sampling a signal at an insufficient rate, thus creating another
signal at a frequency that is the difference between the original
signal frequency and the sampling rate. A graphical
explanation of aliasing is offered in Figure 1. In this figure, the
upper trace shows a 50 kHz sinusoidal waveform. Note that
when sampled at a 45 kHz rate, denoted by the boxes, a
sinusoidal pattern is formed. Lowpass filtering the sampled
points, to create a continuous signal, produces the 5 kHz
waveform shown in Figure 1 (lower). (The phase shift in the
lower figure is due to the low–pass filter).
Aliased signals, like the one in Figure 1 (lower) are often
unintentionally produced. Signal processing techniques are
well understood and sampling rates are chosen appropriately
(i.e. Nyquist criteria). However, the assumption is that the
signals of interest are well characterized and have a limited
bandwidth. This assumption is not always true, as in the case
of wideband noise.
Figure 1. Aliased Signals
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com