Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C66013-PVC Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 48Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 49Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 50Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 47 of 58
Mode Bits
token count buffer
dval
DTOG
DVAL COUNT Setup
In
Out ACK Mode Bits Response Intr
Normal In/premature status Out
1
1
1
1
Out
2
UC
valid
1
1
updates UC
UC 1
1
NoChange ACK
yes
1
1
1
1
Out
2
UC
valid
0
1
updates UC
UC 1
UC
0 0 1 1 Stall
yes
1
1
1
1
Out
!=2
UC
valid
updates 1
updates UC
UC 1
UC
0 0 1 1 Stall
yes
1
1
1
1
Out
> 10
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
1
1
1
1
Out
x
UC
invalid
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
1
1
1
1
In
x
UC
x
UC
UC
UC
UC
1
UC
1
1 1 1 0 ACK (back) yes
Nak In/premature status Out
1
1
1
0
Out
2
UC
valid
1
1
updates UC
UC 1
1
NoChange ACK
yes
1
1
1
0
Out
2
UC
valid
0
1
updates UC
UC 1
UC
0 0 1 1 Stall
yes
1
1
1
0
Out
!=2
UC
valid
updates 1
updates UC
UC 1
UC
0 0 1 1 Stall
yes
1
1
1
0
Out
> 10
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
1
1
1
0
Out
x
UC
invalid
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
1
1
1
0
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
NoChange NAK
yes
Status Out/extra In
0
0
1
0
Out
2
UC
valid
1
1
updates UC
UC 1
1
NoChange ACK
yes
0
0
1
0
Out
2
UC
valid
0
1
updates UC
UC 1
UC
0 0 1 1 Stall
yes
0
0
1
0
Out
!=2
UC
valid
updates 1
updates UC
UC 1
UC
0 0 1 1 Stall
yes
0
0
1
0
Out
> 10
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
0
0
1
0
Out
x
UC
invalid
UC
UC
UC
UC
1
UC
UC
NoChange ignore
no
0
0
1
0
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
0 0 1 1 Stall
yes
OUT ENDPOINT
Properties of Incoming Packet
Changes made by SIE to Internal Registers and Mode Bits
Mode Bits
token count buffer
dval
DTOG
DVAL COUNT Setup
In
Out ACK Mode Bits Response Intr
Normal Out/erroneous In
1
0
0
1
Out
<= 10 data
valid
updates 1
updates UC
UC 1
1
1 0 0 0 ACK
yes
1
0
0
1
Out
> 10
junk
x
updates updates updates UC
UC 1
UC
NoChange ignore
yes
1
0
0
1
Out
x
junk
invalid
updates 0
updates UC
UC 1
UC
NoChange ignore
yes
1
0
0
1
In
x
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
(STALL[4] =
0)
1
0
0
1
In
x
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange Stall
no
(STALL[4] =
1)
NAK Out/erroneous In
1
0
0
0
Out
<= 10 UC
valid
UC
UC
UC
UC
UC 1
UC
NoChange NAK
yes
1
0
0
0
Out
> 10
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
1
0
0
0
Out
x
UC
invalid
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
1
0
0
0
In
x
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
Isochronous endpoint (Out)
0
1
0
1
Out
x
updates updates updates updates updates UC
UC 1
1
NoChange RX
yes
0
1
0
1
In
x
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
IN ENDPOINT
Properties of Incoming Packet
Changes made by SIE to Internal Registers and Mode Bits
Mode Bits
token count buffer
dval
DTOG
DVAL COUNT Setup
In
Out ACK Mode Bits Response Intr
Normal In/erroneous Out
1
1
0
1
Out
x
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
Table 20-3. Details of Modes for Differing Traffic Conditions (see Table 20-2 for the decode legend) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com