Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C66013-PVC Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 48Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 49Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 50Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 51Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 52Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 53Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 50 of 58
0x48 Hub Port Connect
Status
Reserve
d
Port 7
Connect
Status
Port 6
Connect
Status
Port 5
Connect
Status
Port 4
Connect
Status
Port 3
Connect
Status
Port 2
Connect
Status
Port 1
Connect
Status
bbbbbbbb
000000
00
0x49 Hub Port Enable Reserve
d
Port 7
Enable
Port 6
Enable
Port 5
Enable
Port 4
Enable
Port 3
Enable
Port 2
Enable
Port 1
Enable
bbbbbbbb
000000
00
0x4A Hub Port Speed
Reserve
d
Port 7
Speed
Port 6
Speed
Port 5
Speed
Port 4
Speed
Port 3
Speed
Port 2
Speed
Port 1
Speed
bbbbbbbb
000000
00
0x4B Hub Port Control
(Ports 4:1)
Port 4
Control
Bit 1
Port 4
Control
Bit 0
Port 3
Control
Bit 1
Port 3
Control
Bit 0
Port 2
Control
Bit 1
Port 2
Control
Bit 0
Port 1
Control
Bit 1
Port 1
Control
Bit 0
bbbbbbbb
000000
00
0x4C Hub Port Control
(Ports 7:5)
Reserve
d
Reserve
d
Port 7
Control
Bit 1
Port 7
Control
Bit 0
Port 6
Control
Bit 1
Port 6
Control
Bit 0
Port 5
Control
Bit 1
Port 5
Control
Bit 0
--bbbbbb
--00000
0
0x4D Hub Port Suspend Device
Remote
Wakeup
Port 7
Selective
Suspend
Port 6
Selective
Suspend
Port 5
Selective
Suspend
Port 4
Selective
Suspend
Port 3
Selective
Suspend
Port 2
Selective
Suspend
Port 1
Selective
Suspend
bbbbbbbb
000000
00
0x4E Hub Port Resume
Status
Reserve
d
Resume
7
Resume
6
Resume
5
Resume
4
Resume
3
Resume
2
Resume
1
-rrrrrrr
000000
00
0x4F Hub Port SE0
Status
Reserve
d
Port 7
SE0
Status
Port 6
SE0
Status
Port 5
SE0
Status
Port 4
SE0
Status
Port 3
SE0
Status
Port 2
SE0
Status
Port 1
SE0
Status
rrrrrrrr
000000
00
0x50 Hub Ports Data
Reserve
d
Port 7
Diff. Data
Port 6
Diff. Data
Port 5
Diff. Data
Port 4
Diff. Data
Port 3
Diff. Data
Port 2
Diff. Data
Port 1
Diff. Data
rrrrrrrr
000000
00
0x51 Hub Port Force
Low (Ports 4:1)
Force
Low
D+[4]
Force
Low
D–[4]
Force
Low
D+[3]
Force
Low
D–[3]
Force
Low
D+[2]
Force
Low
D–[2]
Force
Low
D+[1]
Force
Low
D–[1]
bbbbbbbb
000000
00
0x52 Hub Port Force
Low (Ports 7:5)
Reserve
d
Reserve
d
Force
Low
D+[7]
Force
Low
D–[7]
Force
Low
D+[6]
Force
Low
D–[6]
Force
Low
D+[5]
Force
Low
D–[5]
--bbbbbb
000000
00
0xFF Process Status &
Control
IRQ
Pending
WDR
USB Bus
Reset
Interrupt
Power-o
n Reset
Suspend Interrupt
Enable
Sense
Reserve
d
Run
rbbbbrbb
000100
01
21.0
Register Summary (continued)
Addr
ess
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Read/Write
/Both[5, 6, 7]
Default/
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com