Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C66013-PVC Datasheet(PDF) 58 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 58 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 50Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 51Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 52Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 53Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 54Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 55Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 56Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 57Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 58Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 58 / 58 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 58 of 58
Document History Page
Document Title: CY7C66013, CY7C66113 Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
Document Number: 38-08024
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
114525
3/27/02
DSG
Change from Spec number: 38-00591 to 38-08024
*A
124768
03/20/03
MON
Added register bit definitions.
Added default bit state of each register.
Corrected the Schematic (location of the pull-up on D+).
Added register summary.
Removed information on the availability of the part in PDIP package.
Modified Table 20-1 and provided more explanation regarding
locking/unlocking mechanism of the mode register.
Removed any information regarding the speed detect bit in Hub Port Speed
register being set by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com