Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C66013-PVC Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 50Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 51Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 52Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 53Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 54Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 55Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 56Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 57Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 58Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 54 of 58
CLOCK
tCYC
tCL
tCH
Figure 25-1. Clock Timing
90%
10%
90%
10%
D
−
D
+
tr
tr
Figure 25-2. USB Data Signal Timing
OE (P2.5, input)
DATA (output)
STB (P2.4, input)
DReadyPin (P2.3, output)
Internal Write
Internal Addr
Port0
D[23:0]
tOED
tOEZ
tRD
tOEDR
CS (P2.6, input)
Int
(Shown for DRDY Polarity=0)
Interrupt Generated
(Ready)
Figure 25-3. HAPI Read by External Interface from USB Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com