Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C66013-PVC Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 11Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 12Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 13Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 14Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 15Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 16Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 17Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 18Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 15 of 58
5.1.1
Program Memory Organization
after reset
Address
14-bit PC
0x0000
Program execution begins here after a reset
0x0002
USB Bus Reset interrupt vector
0x0004
128-
µs timer interrupt vector
0x0006
1.024-ms timer interrupt vector
0x0008
USB address A endpoint 0 interrupt vector
0x000A
USB address A endpoint 1 interrupt vector
0x000C
USB address A endpoint 2 interrupt vector
0x000E
USB address B endpoint 0 interrupt vector
0x0010
USB address B endpoint 1 interrupt vector
0x0012
Hub interrupt vector
0x0014
DAC interrupt vector
0x0016
GPIO interrupt vector
0x0018
I2C interrupt vector
0x001A
Program Memory begins here
0x1FDF
8 KB (-32) PROM ends here (CY7C66013, CY7C66113)
Figure 5-1. Program Memory Space with Interrupt Vector Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com