Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C66013-PVC Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 20Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 21Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 22Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 23Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 24Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 25Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 26Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 27Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 24 of 58
Bit [7..0]: Enable bit x (x= 0..7)
1= Selects positive polarity (rising edge) that causes an interrupt (if enabled);
0= Selects negative polarity (falling edge) that causes an interrupt (if enabled).
11.0
12-bit Free-running Timer
The 12-bit timer operates with a 1-
µs tick, provides two interrupts (128 µs and 1.024 ms) and allows the firmware to directly time
events that are up to 4 ms in duration. The lower eight bits of the timer can be read directly by the firmware. Reading the lower
8 bits latches the upper four bits into a temporary register. When the firmware reads the upper four bits of the timer, it is actually
reading the count stored in the temporary register. The effect of this is to ensure a stable 12-bit timer value can be read, even
when the two reads are separated in time.
Timer LSB
ADDRESS 0x24
Bit [7:0]: Timer lower eight bits
Timer MSB
ADDRESS 0x25
Bit [3:0]: Timer higher nibble
Bit [7:4]: Reserved
12.0
I2C and HAPI Configuration Register
Internal hardware supports communication with external devices through two interfaces: a two-wire I2C-compatible, and a HAPI
for 1, 2, or 3 byte transfers. The I2C-compatible and HAPI functions, discussed in detail in Sections 13.0 and 14.0, share a
common configuration register (see Figure 12-1)[3]. All bits of this register are cleared on reset.
I2C Configuration
ADDRESS 0x09
Reset
0
00
00
000
Bit #
7
654
321
0
Bit Name
Timer Bit 7
Timer Bit 6
Timer Bit 5
Timer Bit 4
Timer Bit 3
Timer Bit 2
Timer Bit 1
Timer Bit 0
Read/Write
R
RRR
RRR
R
Reset
0
000
000
0
Figure 11-1. Timer LSB Register
Bit #
7
654
321
0
Bit Name
Reserved
Reserved
Reserved
Reserved
Timer Bit 11
Timer Bit 10
Timer Bit 9
Timer Bit 8
Read/Write
-
---
R
R
R
R
Reset
0
000
000
0
Figure 11-2. Timer MSB Register
Bit #
7
654
321
0
Bit Name
I2C Position
Reserved
LEMPTY
Polarity
DRDY
Polarity
Latch
Empty
Data
Ready
HAPI Port
Width Bit 1
HAPI Port
Width Bit 0
Read/Write
R/W
-
R/W
R/W
R
R
R/W
R/W
Figure 12-1. HAPI/I2C Configuration Register
Figure 10-5. DAC Port Interrupt Polarity
10 9
7
85
64
3
2
1 MHz clock
1.024-ms interrupt
128-
µs interrupt
To Timer Registers
8
1
0
11
L1 L0
L2
L
D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
Figure 11-3. Timer Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com