Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDP2572 Datasheet(PDF) 13 Page - Tripath Technology Inc.

Part # FDP2572
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

FDP2572 Datasheet(HTML) 13 Page - Tripath Technology Inc.

Back Button FDP2572 Datasheet HTML 9Page - Tripath Technology Inc. FDP2572 Datasheet HTML 10Page - Tripath Technology Inc. FDP2572 Datasheet HTML 11Page - Tripath Technology Inc. FDP2572 Datasheet HTML 12Page - Tripath Technology Inc. FDP2572 Datasheet HTML 13Page - Tripath Technology Inc. FDP2572 Datasheet HTML 14Page - Tripath Technology Inc. FDP2572 Datasheet HTML 15Page - Tripath Technology Inc. FDP2572 Datasheet HTML 16Page - Tripath Technology Inc. FDP2572 Datasheet HTML 17Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
13
TK2150 – Rev. 1.0/12.02
Typical Performance Characteristics
T H D + N ve rs us O utp ut P o w e r
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1
200
2
5
10
20
50
100
W
R
L = 8 Ω
R
L = 6 Ω
f = 1k H z
B B M = 40 nS
V s = +40V
B W = 22H z - 20 k H z (A E S 17)
E ffic iency versu s O utp ut P o w e r
0
10
20
30
40
50
60
70
80
90
100
0
2 0
4 0
6 0
8 0
100
120
140
160
W
R
L = 6 Ω
R
L = 8 Ω
V s = + 40V
BB M = 4 0 n S
B W = 22 H z -2 0kH z (A E S 1 7)
TH D + N < 1 0 %
IntermodulationPerformance
-140
+0
-120
-100
-80
-60
-40
-20
20
30k
50
100
200
500
1k
2k
5k
10k
Hz
d
B
r
A
R
L = 6Ω
19kHz, 20kHz, 1:1
0dBr = 12Vrms
32k FFT
F
S = 96k Hz
V
S = +40V
BW = 22Hz - 80kHz
IntermodulationPerformance
-140
+0
-120
-100
-80
-60
-40
-20
20
30k
50
100
200
500
1k
2k
5k
10k
Hz
d
B
r
A
R
L = 8 Ω
19kHz, 20kHz, 1:1
0dBr = 12Vrms
32k FFT
F
S = 96k Hz
V
S = +40V
BW = 22Hz - 80kHz
C h a nne l S e p a ra tio n ve rs u s F re q ue n c y
-100
+0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
30
20 k
50
10 0
200
500
1k
2k
5k
10 k
Hz
d
B
r
A
P o ut = 24 W @ 6 Ω
P o ut = 18 W @ 8 Ω
0dB r = 1 2 V rm s
Vs = +4 0 V
BW = 2 2 H z - 2 0 k H z (AE S1 7 )
R
L = 6 Ω
R
L = 8 Ω
N o is e F loor
-1 2 0
-7 0
-1 1 5
-1 1 0
-1 0 5
-1 0 0
-9 5
-9 0
-8 5
-8 0
-7 5
20
20k
50
100
200
50 0
1k
2k
5k
10k
Hz
Vs = + 4 0 V
BBM = 4 0 n S
3 2 k FFT
Fs = 4 8 k H z
BW = 2 2 H z -2 0 k H z (A ES1 7 )
d
B
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com