Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDP2572 Datasheet(PDF) 4 Page - Tripath Technology Inc.

Part # FDP2572
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

FDP2572 Datasheet(HTML) 4 Page - Tripath Technology Inc.

  FDP2572 Datasheet HTML 1Page - Tripath Technology Inc. FDP2572 Datasheet HTML 2Page - Tripath Technology Inc. FDP2572 Datasheet HTML 3Page - Tripath Technology Inc. FDP2572 Datasheet HTML 4Page - Tripath Technology Inc. FDP2572 Datasheet HTML 5Page - Tripath Technology Inc. FDP2572 Datasheet HTML 6Page - Tripath Technology Inc. FDP2572 Datasheet HTML 7Page - Tripath Technology Inc. FDP2572 Datasheet HTML 8Page - Tripath Technology Inc. FDP2572 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
4
TK2150 – Rev. 1.0/12.02
Note 11: These supply voltages are calculated using the IVPPSENSE and IVNNSENSE values shown in the
Electrical Characteristics table. The typical voltage values shown are calculated using a RVPP and RVNN
values without any tolerance variation. The minimum and maximum voltage limits shown include either a
+1% or –1% (+1% for Over-voltage turn on and Under-voltage turn off, -1% for Over-voltage turn off and
Under-voltage turn on) variation of RVPP or RVNN off the nominal 357kohm, 324kohm, and 976kohm
values. These voltage specifications are examples to show both typical and worst case voltage ranges for
the given RVPP and RVNN resistor values. Please refer to the Application Information section for a more
detailed description of how to calculate the over and under voltage trip voltages for a given resistor value.
Note 12: The fact that the over-voltage turn on specifications exceed the absolute maximum of +/-60V for the TK2150
does not imply that the part will work at these elevated supply voltages. It also does not imply that the
TK2150 is tested or guaranteed at these supply voltages. The supply voltages are simply a calculation
based on the process spread of the IVPPSENSE and IVNNSENSE currents (see note 7). The supply
voltage must be maintained below the absolute maximum of +/-60V or permanent damage to the TK2150
may occur.
Electrical Characteristics TP2150 (Note 13)
TA = 25 °C. See Application/Test Circuit on page 7. Unless otherwise noted, the supply voltage is
VPP=|VNN|=45V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Iq
Quiescent Current
(No load, BBM0=1,BBM1=0,
Mute = 0V)
VPP = +45V
VNN = -45V (Note 14)
25
45
mA
mA
IMUTE
Mute Supply Current
(No load, Mute = 5V)
VPP = +45V
VNN = -45V
1
1
mA
mA
Note 13: Minimum and maximum limits are guaranteed but may not be 100% tested.
Note 14: The difference in the VPP and VNN current draw is due to the VN10 regulator sourcing current to the
VNN supply.
Performance Characteristics TK2150 – Single Ended
TA = 25 °C. Unless otherwise noted, the supply voltage is VPP=|VNN|=45V, the input frequency is 1kHz
and the measurement bandwidth is 20kHz. See Application/Test Circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
POUT
Output Power
(continuous RMS/Channel)
THD+N = 0.1%, RL = 8Ω
RL = 6Ω
THD+N = 1%,
RL = 8Ω
RL = 6Ω
100
135
120
155
W
W
W
W
THD + N
Total Harmonic Distortion Plus
Noise
POUT = 70W/Channel, RL = 8Ω
0.012
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF), RL = 8Ω
POUT = 30W/Channel
0.02
%
SNR
Signal-to-Noise Ratio
A Weighted, RL = 6Ω,
POUT = 155W/Channel
104.5
dB
CS
Channel Separation
0dBr = 30W, RL = 8Ω, f = 1kHz
92
dB
η
Power Efficiency
POUT = 150W/Channel, RL = 8Ω
93
%
AV
Amplifier Gain
POUT = 10W/Channel, RL = 6Ω
See Application / Test Circuit
13.3
V/V
AVERROR
Channel to Channel Gain Error
POUT = 10W/Channel, RL = 6Ω
See Application / Test Circuit
0.5
dB
eNOUT
Output Noise Voltage
A Weighted, no signal, input shorted,
DC offset nulled to zero, RFBC = 11kΩ
180
µV
VOFFSET
Output Offset Voltage
No Load, Mute = Logic Low
0.1% RFBA, RFBB, RFBC resistors
-1.0
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com