Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDP2572 Datasheet(PDF) 3 Page - Tripath Technology Inc.

Part # FDP2572
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

FDP2572 Datasheet(HTML) 3 Page - Tripath Technology Inc.

  FDP2572 Datasheet HTML 1Page - Tripath Technology Inc. FDP2572 Datasheet HTML 2Page - Tripath Technology Inc. FDP2572 Datasheet HTML 3Page - Tripath Technology Inc. FDP2572 Datasheet HTML 4Page - Tripath Technology Inc. FDP2572 Datasheet HTML 5Page - Tripath Technology Inc. FDP2572 Datasheet HTML 6Page - Tripath Technology Inc. FDP2572 Datasheet HTML 7Page - Tripath Technology Inc. FDP2572 Datasheet HTML 8Page - Tripath Technology Inc. FDP2572 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
3
TK2150 – Rev. 1.0/12.02
Operating Characteristics TC2001 (Note 9)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
I5
Supply Current
50
mA
VIN
Input Sensitivity
0
1.5
V
VOUTHI
High Output Voltage
V5-0.5
V
VOUTLO
Low Output Voltage
100
mV
Input DC Bias
2.4
V
Note 9: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.
Thermal Characteristics TC2001
SYMBOL
PARAMETER
Value
UNITS
θJA
Junction-to-ambient Thermal Resistance (still air)
80
°
C/W
Thermal Characteristics TP2150
SYMBOL
PARAMETER
Value
UNITS
θJC
Junction-to-case Thermal Resistance
TBD
°
C/W
Electrical Characteristics TC2001 (Note 10)
TA = 25 °C. See Application/Test Circuit on page 7. Unless otherwise noted, the supply voltage is
VPP=|VNN|=45V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Iq
Quiescent Current
(Mute = 0V)
V5 = 5V
45
60
mA
IMUTE
Mute Supply Current
(Mute = 5V)
V5 = 5V
20
25
mA
VIH
High-level input voltage (MUTE)
3.5
V
VIL
Low-level input voltage (MUTE)
1.0
V
VOH
High-level output voltage (HMUTE) IOH = 3mA
4.0
V
VOL
Low-level output voltage (HMUTE) IOL = 3mA
0.5
V
VTOC
Over Current Sense Voltage
Threshold
TBD
TBD
1.0
TBD
V
IVPPSENSE
VPPSENSE Threshold Currents
Over-voltage turn on (muted)
Over-voltage turn off (mute off)
Under-voltage turn off (mute off)
Under-voltage turn on (muted)
138
62
162
154
79
72
178
87
µA
µA
µA
µA
VVPPSENSE Threshold Voltages with
RVPP1 = RVPP1 = 357KΩ
(Note 11, Note 12)
Over-voltage turn on (muted)
Over-voltage turn off (mute off)
Under-voltage turn off (mute off)
Under-voltage turn on (muted)
49.3
22.1
57.8
55.0
28.2
25.7
63.5
31.1
V
V
V
V
IVNNSENSE VNNSENSE Threshold Currents
Over-voltage turn on (muted)
Over-voltage turn off (mute off)
Under-voltage turn off (mute off)
Under-voltage turn on (muted)
152
65
174
169
86
77
191
95
µA
µA
µA
µA
VVNNSENSE Threshold Voltages with
RVNN1 = 324KΩ
RVNN2 = 976KΩ
(Note 11, Note 12)
Over-voltage turn on (muted)
Over-voltage turn off (mute off)
Under-voltage turn off (mute off)
Under-voltage turn on (muted)
-49.2
-21.1
-56.4
-54.8
-27.9
-24.9
-61.9
-30.8
V
V
V
V
Note 10: Minimum and maximum limits are guaranteed but may not be 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com