Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDP2572 Datasheet(PDF) 24 Page - Tripath Technology Inc.

Part # FDP2572
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

FDP2572 Datasheet(HTML) 24 Page - Tripath Technology Inc.

Back Button FDP2572 Datasheet HTML 20Page - Tripath Technology Inc. FDP2572 Datasheet HTML 21Page - Tripath Technology Inc. FDP2572 Datasheet HTML 22Page - Tripath Technology Inc. FDP2572 Datasheet HTML 23Page - Tripath Technology Inc. FDP2572 Datasheet HTML 24Page - Tripath Technology Inc. FDP2572 Datasheet HTML 25Page - Tripath Technology Inc. FDP2572 Datasheet HTML 26Page - Tripath Technology Inc. FDP2572 Datasheet HTML 27Page - Tripath Technology Inc. FDP2572 Datasheet HTML 28Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal In fo rma t io n
24
TK2150 – Rev. 1.0/12.02
Using the resistor values from above, the actual minimum over voltage turn off points will be:
RN_OFF)
(MIN_OV_TU
VPPSENSE
VPP1
N_OFF
MIN_OV_TUR
I
R
VPP
×
=
)
I
R
(
VNN
RN_OFF)
(MIN_OV_TU
VNNSENSE
VNN1
N_OFF
MIN_OV_TUR
×
−
=
The other three trip points can be calculated using the same formula but inserting the appropriate
IVPPSENSE (or IVNNSENSE) current value. As stated earlier, the usable supply range is the difference
between the minimum overvoltage turn off and maximum under voltage turn-off for both the VPP
and VNN supplies.
N_OFF
MAX_UV_TUR
N_OFF
MIN_OV_TUR
RANGE
VPP
-
VPP
VPP
=
N_OFF
MAX_UV_TUR
N_OFF
MIN_OV_TUR
RANGE
VNN
-
VNN
VNN
=
VN10 Supply and Switch Mode Power Supply Controller
VN10 is an additional supply voltage required by the TP2150. VN10 must be 10 volts more
positive than the nominal VNN. VN10 must track VNN. Generating the VN10 supply requires
some care.
The proper way to generate the voltage for VN10 is to use a 10V-postive supply voltage
referenced to the VNN supply. The TP2150 has an internal switch mode power supply
controller which generates the necessary floating power supply for the MOSFET driver stage
in the TP2150 (nominally 10V with the external components shown in Application / Test
Circuit). The SMPSO pin (pin 60) provides a switching output waveform to drive the gate of a
P channel MOSFET. The source of the P channel MOSFET should be tied to power ground
and the drain of the MOSFET should be tied to the VN10 through a 100uH inductor. The
performance curves shown in this datasheet as well as the efficiency measurements were
done using the internal VN10 generator. Tripath recommends using the internal VN10
generator to power the TP2150. Figure 6 shows how the VN10 generator should be
connected.
Q
P
+
VNN
VN10
VNN
C
SW
0.1uF
C
SW
100uF
L
SW
100uH
D
SW
B1100DICT
59
60
R
PG 10Ω
R
SW FB 1kΩ
C
SW FB
0.1uF
SW-FB
SMPSO
VN10
Switchmode
Power Supply
TP2150
Figure 6: VN10 Generator
In some cases, though, a designer may wish to use an external VN10 generator.
The
specification for VN10 quiescent current (200mA typical, 250mA maximum) in the Electrical
Characteristics section states the amount of current needed when an external floating supply is
used. If the internal VN10 generator is not used, Tripath recommends shorting SMPSO(pin 60) to
VNN(pin 42) and SW-FB(pin 59) to VNN(pin 42).
One apparent method to generate the VN10 supply voltage is to use a negative IC regulator to
drop PGND down to 10V (relative to VNN). This method will not work since negative regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com