Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDP2572 Datasheet(PDF) 20 Page - Tripath Technology Inc.

Part # FDP2572
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

FDP2572 Datasheet(HTML) 20 Page - Tripath Technology Inc.

Back Button FDP2572 Datasheet HTML 16Page - Tripath Technology Inc. FDP2572 Datasheet HTML 17Page - Tripath Technology Inc. FDP2572 Datasheet HTML 18Page - Tripath Technology Inc. FDP2572 Datasheet HTML 19Page - Tripath Technology Inc. FDP2572 Datasheet HTML 20Page - Tripath Technology Inc. FDP2572 Datasheet HTML 21Page - Tripath Technology Inc. FDP2572 Datasheet HTML 22Page - Tripath Technology Inc. FDP2572 Datasheet HTML 23Page - Tripath Technology Inc. FDP2572 Datasheet HTML 24Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal In fo rma t io n
20
TK2150 – Rev. 1.0/12.02
FBKGND1
FBKOUT1
27
28
1/2 TC2001
Processing
&
Modulation
R
FBA
R
FBA
R
FBB
R
FBB
R
FBC
R
FBC
OUT1
OUT1 GROUND
V5
AGND
Figure 3: Modulator Feedback
The modulator feedback resistors are:
Ω
=
1K
typically
specified,
User
RFBA
4)
-
(VPP
VPP
*
R
R
FBA
FBB
=
4
VPP
*
R
R
FBA
FBC
=
1
R
*
R
)
R
(R
*
R
A
FBB
FBA
FBB
FBA
FBC
MODULATOR
-
V
+
+
≈
The above equations assume that VPP=|VNN|.
For example, in a system with VPPMAX=40V and VNNMAX=-40V,
RFBA = 1kΩ, 1%
RFBB = 1.097kΩ, use 1.1kΩ, 1%
RFBC = 10.0kΩ, use 10.0kΩ, 1%
The resultant modulator gain is:
20.09V/V
1
1.1k Ω
*
1.0k Ω
)
1.1k
(1.0k Ω
*
10.0k Ω
A
MODULATOR
-
V
=
+
Ω
+
≈
Mute
When a logic high signal is supplied to MUTE, both amplifier channels are muted (both high- and
low-side transistors are turned off). When a logic level low is supplied to MUTE, both amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com