Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDP2572 Datasheet(PDF) 28 Page - Tripath Technology Inc.

Part # FDP2572
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

FDP2572 Datasheet(HTML) 28 Page - Tripath Technology Inc.

Back Button FDP2572 Datasheet HTML 24Page - Tripath Technology Inc. FDP2572 Datasheet HTML 25Page - Tripath Technology Inc. FDP2572 Datasheet HTML 26Page - Tripath Technology Inc. FDP2572 Datasheet HTML 27Page - Tripath Technology Inc. FDP2572 Datasheet HTML 28Page - Tripath Technology Inc. FDP2572 Datasheet HTML 29Page - Tripath Technology Inc. FDP2572 Datasheet HTML 30Page - Tripath Technology Inc. FDP2572 Datasheet HTML 31Page - Tripath Technology Inc. FDP2572 Datasheet HTML 32Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal In fo rma t io n
28
TK2150 – Rev. 1.0/12.02
loads and the impedance they present changes over frequency and from speaker model to
speaker model.
Tripath recommends designing the filter as a 2nd order, 100kHz LC filter. Tripath has obtained
good results with LF = 18uH and CF = 0.15uF.
The core material of the output filter inductor has an effect on the distortion levels produced by a
TK2150 amplifier. Tripath recommends low-mu type-2 iron powder cores because of their low
loss and high linearity (available from Micrometals, www.micrometals.com). The specific core
used on the EB-TK2150 was a T106-2 wound with 44 turns of 22AWG wire.
Tripath also recommends that an RC damper be used after the LC low-pass filter. No-load
operation of a TK2150 amplifier can create significant peaking in the LC filter, which produces
strong resonant currents that can overheat the output MOSFETs and/or other components. The
RC dampens the peaking and prevents problems. Tripath has obtained good results with RZ =
20
Ω and CZ = 0.15uF.
Bridging the TK2150
The TK2150 can be bridged by returning the signal from VP1 to the input resistor at INV2. OUT1
will then be a gained version of VP1, and OUT2 will be a gained and inverted version of OAOUT1
(see Figure 8). When the two amplifier outputs are bridged, the apparent load impedance seen
by each output is halved, so the current capability of the output MOSFETs, as well their power
dissipation capability, must be accounted for in the design. In addition, the higher peak currents
caused by driving lower impedance loads will cause additional ringing on the outputs. Thus, the
layout and supply decoupling for low impedance (below 8 ohms) bridged applications must be
extremely good to minimize output ringing and to ensure proper amplifier performance.
OAOUT1
INV1
C
I
22
23
+
V5
AGND
R
F
R
I
-
+
OAOUT2
INV2
27
28
V5
AGND
20k
-
+
BIASCAP
TC2001
INPUT1
20k
Figure 8: Input Stage Setup for Bridging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com