Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDP2572 Datasheet(PDF) 26 Page - Tripath Technology Inc.

Part # FDP2572
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

FDP2572 Datasheet(HTML) 26 Page - Tripath Technology Inc.

Back Button FDP2572 Datasheet HTML 22Page - Tripath Technology Inc. FDP2572 Datasheet HTML 23Page - Tripath Technology Inc. FDP2572 Datasheet HTML 24Page - Tripath Technology Inc. FDP2572 Datasheet HTML 25Page - Tripath Technology Inc. FDP2572 Datasheet HTML 26Page - Tripath Technology Inc. FDP2572 Datasheet HTML 27Page - Tripath Technology Inc. FDP2572 Datasheet HTML 28Page - Tripath Technology Inc. FDP2572 Datasheet HTML 29Page - Tripath Technology Inc. FDP2572 Datasheet HTML 30Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal In fo rma t io n
26
TK2150 – Rev. 1.0/12.02
The half-bridge power MOSFETs require a deadtime between when one transistor is turned off
and the other is turned on (break-before-make) in order to minimize shoot through currents. The
TC2001 has BBM0 and BBM1 that are logic inputs (connected to logic high or pulled down to
logic low) that control the break-before-make timing of the output transistors according to the
following table.
BBM1
BBM0
Delay
0
0
120 ns
0
1
80 ns
1
0
40 ns
1
1
0 ns
Table 1: BBM Delay
The tradeoff involved in making this setting is that as the delay is reduced, distortion levels
improve but shoot-through and power dissipation increase. All typical curves and performance
information were done with using the 40ns BBM setting. The actual amount of BBM required is
dependent upon other component values and circuit board layout, the value selected should be
verified in the actual application circuit/board.
It should also be verified under maximum
temperature and power conditions since shoot-through in the output MOSFETs can increase
under these conditions, possibly requiring a higher BBM setting than at room temperature.
Recommended MOSFETs
The following devices are capable of achieving full performance, both in terms of distortion and
efficiency, for the specified load impedance and voltage range.
Device Information – Recommended MOSFETs
Part Number
Manufacturer
BVDSS (V)
ID (A)
Qg (nC)
RDS(on) (Ω)
PD (W)
Package
IRF520N
International Rectifier
100
9.7
25(max.)
0.20 (max.)
48
TO220
FQP13N10
Fairchild Semiconductor
100
12.8
12
0.142
65
TO220
STP14NF10
ST Microelectronics
100
14
15.5
0.16
60
TO220
IRF530N
International Rectifier
100
17
37(max.)
0.09 (max.)
70
TO220
BUK7575-100A
Philips Semiconductor
100
23
25
0.064
99
TO220
STP24NF10
ST Microelectronics
100
26
30
0.055
85
TO220
Note: The devices are listed in ascending current capability not in order of recommendation.
The following information represents qualitative data from system development using the TK2150
and the associated MOSFETs. Recommendations such as maximum supply voltages and gate
resistor values are dependent on the PCB layout and component location. The gate resistor
values were chosen to achieve about 18-80mA of idle current from the VPP supply. This value of
supply current is a good compromise between low power efficiency and high frequency THD+N
performance. As shown in Table 2 below, increasing the gate resistor value will improve high
frequency THD+N performance at the expense of idle current draw. The BBM setting was 40nS
in all cases. It should be understood that different MOSFETs will have different characteristics
and will require some adjustment to the gate resistor to achieve the same idle current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com