Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46121V Datasheet(PDF) 43 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 43 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 39Page - Dialog Semiconductor SLG46121V Datasheet HTML 40Page - Dialog Semiconductor SLG46121V Datasheet HTML 41Page - Dialog Semiconductor SLG46121V Datasheet HTML 42Page - Dialog Semiconductor SLG46121V Datasheet HTML 43Page - Dialog Semiconductor SLG46121V Datasheet HTML 44Page - Dialog Semiconductor SLG46121V Datasheet HTML 45Page - Dialog Semiconductor SLG46121V Datasheet HTML 46Page - Dialog Semiconductor SLG46121V Datasheet HTML 47Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
000-0046121--106
Page 42 of 97
SLG46121
10.1.2 2-Bit LUT or D Flip Flop Macrocells Used as D Flip Flop Register Settings
Table 28. DFF0 Register Settings
Signal Function
Register Bit
Address
Register Definition
DFF0 or Latch
select
reg <396>
0: DFF function
1: Latch function
DFF0 output select
reg <397>
0: Q output
1: nQ output
DFF0 initial polarity
select
reg <398>
0: Low
1: High
LUT2_0 data
reg <399:396>
LUT2_0 data
LUT2_0 or DFF0
select
reg <420>
0: LUT2_0
1: DFF0
Table 29. DFF1 Register Settings
Signal Function
Register Bit
Address
Register Definition
DFF1 or Latch
select
reg <400>
0: DFF function
1: Latch function
DFF1 output select
reg <401>
0: Q output
1: nQ output
DFF1 initial polarity
select
reg <402>
0: Low
1: High
LUT2_1 data
reg <403:400>
LUT2_1 data
LUT2_1 or DFF1
select
reg <421>
0: LUT2_1
1: DFF1
Table 30. DFF2 Register Settings
Signal Function
Register Bit
Address
Register Definition
DFF2 or Latch
select
reg <404>
0: DFF function
1: Latch function
DFF2 output select
reg <405>
0: Q output
1: nQ output
DFF2 initial polarity
select
reg <406>
0: Low
1: High
LUT2_2 data
reg <407:404>
LUT2_2 data
LUT2_2 or DFF2
select
reg <422>
0: LUT2_2
1: DFF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com