Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46121V Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 44Page - Dialog Semiconductor SLG46121V Datasheet HTML 45Page - Dialog Semiconductor SLG46121V Datasheet HTML 46Page - Dialog Semiconductor SLG46121V Datasheet HTML 47Page - Dialog Semiconductor SLG46121V Datasheet HTML 48Page - Dialog Semiconductor SLG46121V Datasheet HTML 49Page - Dialog Semiconductor SLG46121V Datasheet HTML 50Page - Dialog Semiconductor SLG46121V Datasheet HTML 51Page - Dialog Semiconductor SLG46121V Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
000-0046121--106
Page 47 of 97
SLG46121
10.2.2 3-Bit LUT or D Flip Flop Macrocells Used as D Flip Flop Register Settings
Table 36. DFF4 Register Settings
Signal Function
Register Bit
Address
Register Definition
DFF4 or Latch
select
reg <424>
0: DFF function
1: Latch function
DFF4 output select
reg <425>
0: Q output
1: nQ output
DFF4 rstb/setb
Select
reg <426>
1: setb from matrix out
0: resetb from matrix out
DFF4 initial polarity
select
reg <427>
0: Low
1: High
LUT3_0 data
reg <431:424>
LUT3_0 data
LUT3_0 or DFF4
select
reg <496>
0: LUT3_0
1: DFF4
Table 37. DFF5 Register Settings
Signal Function
Register Bit
Address
Register Definition
DFF5 or Latch
Select
reg <432>
0: DFF function
1: Latch function
DFF5 Output Select
reg <433>
0: Q output
1: nQ output
DFF5 rstb/setb
Select
reg <434>
1: setb from matrix out
0: resetb from matrix out
DFF5 initial polarity
select
reg <435>
0: Low
1: High
LUT3_1 data
reg <439:432>
LUT3_1 data
LUT3_1 or DFF5
select
reg <497>
0: LUT3_1
1: DFF5
Table 38. DFF6 Register Settings
Signal Function
Register Bit
Address
Register Definition
DFF6 or Latch
select
reg <440>
0: DFF function
1: Latch function
DFF6 output select
reg <441>
0: Q output
1: nQ output
DFF6 rstb/setb
Select
reg <442>
1: setb from matrix out
0: resetb from matrix out
DFF6 initial polarity
select
reg <443>
0: Low
1: High
LUT3_2 data
reg <447:440>
LUT3_2 data
LUT3_2 or DFF6
select
reg <498>
0: LUT3_2
1: DFF6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com