Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46121V Datasheet(PDF) 75 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 75 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 71Page - Dialog Semiconductor SLG46121V Datasheet HTML 72Page - Dialog Semiconductor SLG46121V Datasheet HTML 73Page - Dialog Semiconductor SLG46121V Datasheet HTML 74Page - Dialog Semiconductor SLG46121V Datasheet HTML 75Page - Dialog Semiconductor SLG46121V Datasheet HTML 76Page - Dialog Semiconductor SLG46121V Datasheet HTML 77Page - Dialog Semiconductor SLG46121V Datasheet HTML 78Page - Dialog Semiconductor SLG46121V Datasheet HTML 79Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 98 page
background image
000-0046121--106
Page 74 of 97
SLG46121
14.0 RC Oscillator (RC Osc)
14.1 RC Oscillator Overview
The SLG46121 has two internal RC oscillators, one that runs at 25 kHz and one that runs at 2 MHz. When using the chip internal
RC OSC, a choice is available to “Force Power On”, meaning that the RC OSC will always run, or “Auto Power On”, meaning that
the RC OSC will have an associated startup and settling time associated with it (offset). Figure 46 and Figure 47 show maximum
power on delay vs. VDD.
Note: RC OSC power setting: "Auto Power On”.
Figure 46. Maximum Power On Delay vs. VDD, RC OSC = 2 MHz.
Figure 47. Maximum Power On Delay vs. VDD, RC OSC = 25 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com