Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATPL230A Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 8Page - ATMEL Corporation ATPL230A Datasheet HTML 9Page - ATMEL Corporation ATPL230A Datasheet HTML 10Page - ATMEL Corporation ATPL230A Datasheet HTML 11Page - ATMEL Corporation ATPL230A Datasheet HTML 12Page - ATMEL Corporation ATPL230A Datasheet HTML 13Page - ATMEL Corporation ATPL230A Datasheet HTML 14Page - ATMEL Corporation ATPL230A Datasheet HTML 15Page - ATMEL Corporation ATPL230A Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
12
6.
SPI Controller
ATPL230A has been conceived to be easily managed by an external microcontroller through a 5-line interface. This
interface is comprised of a 4-line standard Serial Peripheral Interface (SPI) and an additional line used as interrupt
from the ATPL230A to the external microcontroller. A diagram is shown below.
Figure 6-1.
SPI Controller Block Diagram
By means of this SPI interface, an external microcontroller can access the ATPL230A and can carry out “write”,
“write_rep”, “read” and “mask” operations. All the “Peripheral Registers” in ATPL230A are reachable via the SPI
interface, thus the microcontroller can fully manage and control the ATPL230A (PHY layer, MAC co-processing, etc).
6.1
Serial Peripheral Interface
The Serial Peripheral Interface Bus or SPI bus is a synchronous serial data link standard. Devices communicate in
master/slave mode where the master device initiates the data frame. Multiple slave devices are allowed with individual
slave select (chip select) lines.
Figure 6-2.
SPI Communication Example in ATPL230A
SPI
Bridge
ATPL230A
SCK
MOSI
MISO
CS
EINT
Microcontroller
Interrupt
Serial
Peripheral
Interface
5-line
Interface
to/from
microcontroller
MISO (READ_EXAMP LE)
SPI_INACTIVE
SPI_ACTIVE
SPI_CLK
MOSI
OPCODE (7
….0)
A DDRESS (15
….0)
BYTE DUMMY (7
….0)
/SS
D7
D5
D6
A0
A1
A14
A15
D0
D1 D0
D6
D7
DUMMY 7
….DUMMY0
….
….
….
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com