Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATPL230A Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 49Page - ATMEL Corporation ATPL230A Datasheet HTML 50Page - ATMEL Corporation ATPL230A Datasheet HTML 51Page - ATMEL Corporation ATPL230A Datasheet HTML 52Page - ATMEL Corporation ATPL230A Datasheet HTML 53Page - ATMEL Corporation ATPL230A Datasheet HTML 54Page - ATMEL Corporation ATPL230A Datasheet HTML 55Page - ATMEL Corporation ATPL230A Datasheet HTML 56Page - ATMEL Corporation ATPL230A Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 122 page
background image
53
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
9.
PRIME PHY Layer
9.1
Overview
The physical layer consists of a hardware implementation of the enhanced PRIME Physical Layer Entity, which is an
Orthogonal Frequency Division Multiplexing (OFDM) system in the 42 kHz to 472 kHz frequency band. This PHY layer
transmits and receives MPDUs (MAC Protocol Data Unit) between neighbor nodes.
From the transmission point of view, the PHY layer receives its inputs from the MAC (Medium Access Control) layer.
At the end of transmission branch, data is output to the physical channel.
On the reception side, the PHY layer receives its inputs from the physical channel, and at the end of reception branch,
the data flows to the MAC layer.
A PHY layer block diagram is shown below:
Figure 9-1.
PHY Layer Block Diagram
The diagram can be divided in five sub-blocks: TxRx buffers, Transmission branch, Reception branch, Analog Front
End control and Carrier Detection.
CRC
CRC
Interleaver
FFT
Scrambler
Interleaver
IFFT
PRIME PHY Layer
Tx
Rx
AGC(5:0)
TXRX0
TXRX1
Convolutional
Encoder
Sub-carrier
Modulator
Cyclic
Prefix
Converter / PAD
Analog
Front - End
Control
Gain
Control
TxRx
Control
Pre - FFT
Syncro
Demodulator
Convolutional
Decoder
to
MAC
layer
from
MAC
layer
Converter
BUF_TXi
BUF_RXi
Sub-carrier
Scrambler
Carrier Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com