Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATPL230A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 2 Page - ATMEL Corporation

  ATPL230A Datasheet HTML 1Page - ATMEL Corporation ATPL230A Datasheet HTML 2Page - ATMEL Corporation ATPL230A Datasheet HTML 3Page - ATMEL Corporation ATPL230A Datasheet HTML 4Page - ATMEL Corporation ATPL230A Datasheet HTML 5Page - ATMEL Corporation ATPL230A Datasheet HTML 6Page - ATMEL Corporation ATPL230A Datasheet HTML 7Page - ATMEL Corporation ATPL230A Datasheet HTML 8Page - ATMEL Corporation ATPL230A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
2
1.
Features
Modem
Power Line Carrier Modem for 50 Hz and 60 Hz mains
97-carriers OFDM PRIME compliant
DBPSK, DQPSK, D8PSK modulation schemes available
Additional enhanced modes available: DBPSK Robust and DQPSK Robust
Eight selectable channels between 42kHz and 472kHz available. Only one channel can be active at a
time
Baud rate Selectable: 5.4 to 128.6 kbps
Four dedicated buffers for transmission/reception
Up to 124.6 dBμVrms injected signal against PRIME load
Up to 79.6 dB of dynamic range in PRIME networks
Automatic Gain Control and continuous amplitude tracking in signal reception
Class D switching power amplifier control
Integrated 1.2V LDO regulator to supply analog functions
Medium Access Control co-processor features
Viterbi soft decoding and PRIME CRC calculation
128-bit AES encryption
Channel sensing and collision pre-detection
CENELEC A - BCD
ARIB
FCC
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 5
CHANNEL 6
CHANNEL 7
CHANNEL 8
f (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com