Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5520-DS04-405-R Datasheet(PDF) 22 Page - Broadcom Corporation.

Part # 5520-DS04-405-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R Datasheet(HTML) 22 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 18Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 19Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 20Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 21Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 22Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 23Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 24Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 25Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 26Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 10
MII Management
Document
5220-DS04-405-R
G8
36
SPDLED#
ADV_PAUSE#
TMS
I/OPU
100BASE-X LED. The 100BASE-X LED is driven low when
operating in 100BASE-X modes and high when operating in
10BASE-T modes. When bit 12 of register 1Dh is set to 1,
SPDLED# is driven low when the 100BASE-T link is good.
ADV_PAUSE#. Active low. During power-on reset, this pin is
sampled and causes the default value of MII auto-negotiation
Advertisement register, 4, bit 10d to be set accordingly.
Test Mode Select. This pin becomes TMS if JTAG_EN is high.
Single control input to the JTAG TAP controller is used to
traverse the test-logic state machine. Sampled on the rising edge
of TCK.
G7
34
XMTLED#
INTR#
FDXLED#
OOD
Transmit Activity LED. Active low output. The transmit activity
LED is driven low for approximately 80 ms each time there is
transmit activity while in the link pass state. When the interrupt
mode is enabled, pin becomes INTR#. When FDXLED mode is
enabled, pin becomes FDXLED#.
H7
33
RCVLED#
ACTLED#
TDO
I/OPU
Receive Activity LED. Active low output. The receive activity
LED is driven low for approximately 80 ms each time there is
receive activity while in the link pass state. In either interrupt or
FDXLED mode, pin becomes ACTLED#, indicating both receive
and transmit activity.
Test Data Output. This pin becomes TDO if JTAG_EN is high.
Serial data output from the JTAG TAP controller. Updated on the
falling edge of TCK.
JTAG
A2
64
JTAG_EN
IPD
JTAG Enable. Active high. When high causes the BCM5220 to
enter JTAG test mode. For normal operation leave this pin
unconnected.
Power
A1
3
REGDVDD
PWR
Digital Voltage Regulator Input. Connect this pin to a digital
3.3V supply.
H1
20
REGAVDD
PWR
Analog Voltage Regulator Input. Connect this pin to an analog
3.3V supply.
C3, C5
2, 55
DVDD
PWR
Digital Regulator output (2.5V). Connect these pins to
decoupling capacitors as shown in Figure 18 on page 73.
F4, F5
27, 28
AVDD
PWR
Analog Regulator output VDD (2.5V). Connect these pins to
decoupling capacitors as shown in Figure 18 on page 73.
B2, E7,
F3
1, 46, 18
OVDD
PWR
3.3V Digital Periphery (Output Buffer) VDD supply.
C7, D4,
D6, E5
40, 45
54, 63
DGND
GND
Digital Ground.
G6, H6
29, 32
AGND
GND
Analog Ground.
E1
7
XTALGND
GND
Crystal Ground.
H2
22
BIASVDD
PWR
BIAS VDD. Connect this pin to AVDD.
G3
24
BIASGND
GND
Bias Ground. Connect this pin to AGND.
C2
8
OVDD/NC
PWR
This pin is for factory test only. For normal operation, leave this
pin unconnected or connect to OVDD supply
Table 3: Pin Descriptions (Cont.)
5220KPB 5220KPT
Pin Label
Type
Description
[MSB:LSB]; # = active-low signal, I = input, O = output, I/O = bidirectional, IPU = input w/ internal pull-up, OOD = open-drain
output, O3S = three-state output, B = Bias, PWR = power supply, GND = ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com