Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5520-DS04-405-R Datasheet(PDF) 53 Page - Broadcom Corporation.

Part # 5520-DS04-405-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R Datasheet(HTML) 53 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 49Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 50Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 51Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 52Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 53Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 54Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 55Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 56Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 57Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auto-Negotiation Link Partner (LP) Next Page Transmit Register
Page 41
100BASE-X RECEIVE ERROR COUNTER
Receive Error Counter [15:0]
This counter increments each time the BCM5220 receives a non-collision packet containing at least one receive error. The
counter automatically clears itself when read. When the counter reaches its maximum value, FFh, it stops counting receive
errors until cleared.
Table 19: 100BASE-X Receive Error Counter (Address 18d, 12h)
Bit
Name
R/W
Description
DEFAULT
15:8
Receive Error Counter
R/W
Write as 0, Ignore when read
0000h
7:0
Receive Error Counter
R/W
Number of non-collision packets with receive errors
since last read
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com