Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5520-DS04-405-R Datasheet(PDF) 83 Page - Broadcom Corporation.

Part # 5520-DS04-405-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R Datasheet(HTML) 83 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 79Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 80Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 81Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 82Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 83Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 84Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 85Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 86Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 87Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Status 4 Register (Shadow Register)
Page 71
Se ction 7: Ele c trica l Char acte r istics
Table 54 provides the absolute maximum ratings for the BCM5220. The recommended operating conditions for the
BCM5220 are shown in Table 55. Table 56 on page 71 gives the electrical characteristics of the BCM5220.
Table 54: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
VDD
Supply Voltage
REGDVDD, REGAVDD, OVDD
GND - 0.3
3.60
V
DVDD, AVDD, BIASVDD
GND - 0.3
2.75
V
VI
Input Voltage
GND - 0.3
OVDD + 0.3
V
II
Input Current
±10
mA
TSTG
Storage Temperature
−40
+125
°C
Note: These specifications indicate levels where permanent damage to the device may occur. Functional operation is
not guaranteed under these conditions. Operation at absolute maximum conditions for extended periods may adversely
affect long-term reliability of the device.
Table 55: Recommended Operating Conditions for BCM5220
Symbol
Parameter
Pin
Operating Mode
Min
Max
units
VDD
Supply Voltage
BCM5220
REGDVDD, REGAVDD, OVDD
3.00
3.60
V
DVDD, AVDD, BIASVDD
2.375
2.625
V
VIH
High-Level
Input Voltage
All Digital Inputs
2.0
OVDD
V
VIL
Low-Level
Input Voltage
All Digital Inputs
0.8
V
SD
±
100BASE-TX
0.4
V
VIDIFF
Differential
Input Voltage
RD
±, SD±
100BASE-FX
150
mV
VICM
Common Mode
Input Voltage
RD
±
100BASE-TX
1.85
2.05
V
RD
±, SD±
100BASE-FX
1.85
2.05
V
TA
Ambient Operating Temperature
0
70
°C
Table 56: Electrical Characteristics
Symbol
Parameter
Pins
Conditions
Min
Typ
Max
Units
IDD
Supply Current
AVDD, DVDD, OVDD
100BASE-TX
110
mA
IDD
Supply Current
Low Power
mode
AVDD, DVDD, OVDD
CLOCK ON
ENERGY DET ON
12
mA
IDDQ
Supply Current
Power Off mode
AVDD, DVDD, OVDD
Hardware/Software
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com